Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2814-CP Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2814-CP
Description  3.1 to 3.6 GHz, 80W GaN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2814-CP Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2814-CP Datasheet HTML 4Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 9Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 10Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 11Page - TriQuint Semiconductor TGA2814-CP Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TGA2814-CP
3.1 to 3.6 GHz, 80W GaN Power Amplifier
Preliminary Datasheet: 09-18-14
- 11 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Assembly Notes
1.
Clean the board or module with alcohol. Allow it to dry fully.
2.
Nylock screws are recommended for mounting the TGA2814-CP to the board.
3.
To improve the thermal and RF performance, we recommend the following:
a.
Apply thermal compound or 4 mils indium shim between the package and the board.
b.
Attach a heat sink to the bottom of the board and apply thermal compound or 4 mils indium shim
between the heat sink and the board.
4.
Apply solder to each pin of the TGA2814-CP.
5.
Clean the assembly with alcohol.
Mechanical Information
Units: inches
Tolerances: unless specified
x.xx = ± 0.01
x.xxx = ± 0.005
Materials:
Base: Copper
Lid:
Plastic
All metalized features are gold plated
Part is epoxy sealed
Marking:
2814: Part number
YY: Part Assembly year
WW: Part Assembly week
ZZZ: Serial Number
MXXX: Batch ID
6
7
8
9
10
5
4
3
2
1


Similar Part No. - TGA2814-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2814-SM TRIQUINT-TGA2814-SM Datasheet
1Mb / 15P
   3.1 to 3.5 GHz 80W GaN Power Amplifier
TGA2814-SM-EVB TRIQUINT-TGA2814-SM-EVB Datasheet
1Mb / 15P
   3.1 to 3.5 GHz 80W GaN Power Amplifier
TGA2814-SM TRIQUINT-TGA2814-SM_15 Datasheet
1Mb / 15P
   3.1 to 3.5 GHz 80W GaN Power Amplifier
More results

Similar Description - TGA2814-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2814-SM TRIQUINT-TGA2814-SM_15 Datasheet
1Mb / 15P
   3.1 to 3.5 GHz 80W GaN Power Amplifier
TGA2813-CP TRIQUINT-TGA2813-CP_15 Datasheet
504Kb / 12P
   3.1 to 3.6 GHz, 100W GaN Power Amplifier
logo
Qorvo, Inc
TGA2813-SM QORVO-TGA2813-SM Datasheet
553Kb / 15P
   3.1 to 3.6 GHz 100 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
   3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
Qorvo, Inc
QPM2239 QORVO-QPM2239 Datasheet
847Kb / 18P
   13 ??15.5GHz 80W GaN Power Amplifier Module
logo
ANADIGICS, Inc
RFS1006 ANADIGICS-RFS1006 Datasheet
71Kb / 4P
   3.4-3.6 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com