Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1050CP Datasheet(PDF) 5 Page - International Rectifier

Part # IRU1050CP
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1050CP Datasheet(HTML) 5 Page - International Rectifier

  IRU1050CP Datasheet HTML 1Page - International Rectifier IRU1050CP Datasheet HTML 2Page - International Rectifier IRU1050CP Datasheet HTML 3Page - International Rectifier IRU1050CP Datasheet HTML 4Page - International Rectifier IRU1050CP Datasheet HTML 5Page - International Rectifier IRU1050CP Datasheet HTML 6Page - International Rectifier IRU1050CP Datasheet HTML 7Page - International Rectifier IRU1050CP Datasheet HTML 8Page - International Rectifier IRU1050CP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRU1050
5
Rev. 1.8
08/20/02
www.irf.com
Assuming the following specifications:
The steps for selecting a proper heat sink to keep the
junction temperature below 135
8C is given as:
1) Calculate the maximum power dissipation using:
2) Select a package from the regulator data sheet and
record its junction to case (or tab) thermal resistance.
Selecting TO-220 package gives us:
3) Assuming that the heat sink is black anodized, cal-
culate the maximum heat sink temperature allowed:
Assume,
ucs=0.05
°C/W (heat-sink-to-case thermal
resistance for black anodized)
4) With the maximum heat sink temperature calculated
in the previous step, the heat-sink-to-air thermal re-
sistance (
uSA) is calculated by first calculating the
temperature rise above the ambient as follows:
5) Next, a heat sink with lower
uSA than the one calcu-
lated in Step 4 must be selected. One way to do this
is to simply look at the graphs of the “Heat Sink Temp
Rise Above the Ambient” vs. the “Power Dissipation”
and select a heat sink that results in lower tempera-
ture rise than the one calculated in previous step.
The following heat sinks from AAVID and Thermalloy
meet this criteria.
PD = IOUT
3(VIN - VOUT)
PD = 4.6
3(5 - 3.5) = 6.9W
VIN = 5V
VOUT = 3.5V
IOUT(MAX) = 4.6A
TA = 35
8C
uJC = 2.78C/W
TS = TJ - PD
3(uJC + uCS)
TS = 135 - 6.9
3(27 + 0.05) = 1168C
uSA =
=
= 11.7
8C/W
DT
PD
81
6.9
DT = TS - TA = 116 - 35 = 818C
∆T = Temperature Rise Above Ambient
Note: For further information regarding the above com-
panies and their latest product offerings and application
support contact your local representative or the num-
bers listed below:
AAVID.................PH# (603) 528 3400
Thermalloy...........PH# (214) 243-4321
Designing for Microprocessor Applications
As it was mentioned before, the IRU1050 is designed
specifically to provide power for the new generation of
the low voltage processors requiring voltages in the range
of 2.5V to 3.6V generated by stepping down the 5V sup-
ply. These processors demand a fast regulator that sup-
ports their large load current changes. The worst case
current step seen by the regulator is anywhere in the
range of 1 to 7A with the slew rate of 300 to 500ns which
could happen when the processor transitions from “Stop
Clock” mode to the “Full Active” mode. The load current
step at the processor is actually much faster, in the or-
der of 15 to 20ns, however, the decoupling capacitors
placed in the cavity of the processor socket handle this
transition until the regulator responds to the load current
levels. Because of this requirement the selection of high
frequency low ESR and low ESL output capacitor is
imperative in the design of these regulator circuits.
Figure 5 shows the effects of a fast transient on the
output voltage of the regulator. As shown in this figure,
the ESR of the output capacitor produces an instanta-
neous drop equal to the (
DVESR=ESR3DI) and the ESL
effect will be equal to the rate of change of the output
current times the inductance of the capacitor. (
DVESL
=L
3DI/Dt). The output capacitance effect is a droop in
the output voltage proportional to the time it takes for
the regulator to respond to the change in the current,
(
DVc=Dt3DI/C) where Dt is the response time of the
regulator.
Air Flow (LFM)
0
100
200
300
400
Thermalloy
6021PB
6021PB 6073PB
6109PB
7141D
AAVID
534202B 534202B 507302
575002 576802B


Similar Part No. - IRU1050CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1050CP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com