Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1117-25CD Datasheet(PDF) 6 Page - International Rectifier

Part # IRU1117-25CD
Description  800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1117-25CD Datasheet(HTML) 6 Page - International Rectifier

  IRU1117-25CD Datasheet HTML 1Page - International Rectifier IRU1117-25CD Datasheet HTML 2Page - International Rectifier IRU1117-25CD Datasheet HTML 3Page - International Rectifier IRU1117-25CD Datasheet HTML 4Page - International Rectifier IRU1117-25CD Datasheet HTML 5Page - International Rectifier IRU1117-25CD Datasheet HTML 6Page - International Rectifier IRU1117-25CD Datasheet HTML 7Page - International Rectifier IRU1117-25CD Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Rev. 1.5
02/04/03
IRU1117-25
www.irf.com
(S) SOIC Package
8-Pin Surface Mount, Narrow Body
SYMBOL
A
B
C
D
E
F
G
H
I
J
K
L
T
MIN
4.80
0.36
3.81
1.52
0.10
0.19
5.80
0
8
0.41
1.37
MAX
4.98
0.46
3.99
1.72
0.25
0.25
6.20
8
8
1.27
1.57
1.27 BSC
0.53 REF
7
8 BSC
8-PIN
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
PIN NO. 1
I
K
H
DETAIL-A
DETAIL-A
0.38
6 0.015 x 458
T
G
F
D
A
B
C
E
L
J


Similar Part No. - IRU1117-25CD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CSPBF IRF-IRU1117-18CSPBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1117-25CD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-18PBF IRF-IRU1117-18PBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com