Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1702 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1702
Description  ST485EB for e-meter applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1702 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1702 Datasheet HTML 3Page - STMicroelectronics AN1702 Datasheet HTML 4Page - STMicroelectronics AN1702 Datasheet HTML 5Page - STMicroelectronics AN1702 Datasheet HTML 6Page - STMicroelectronics AN1702 Datasheet HTML 7Page - STMicroelectronics AN1702 Datasheet HTML 8Page - STMicroelectronics AN1702 Datasheet HTML 9Page - STMicroelectronics AN1702 Datasheet HTML 10Page - STMicroelectronics AN1702 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ESD protection
AN1702
10/11
8
ESD protection
Common situations such as handling, connection and maintenance can create electro-static
discharges (ESD), which can damage related devices. The use of transceivers with high
ESD immunity in e-meter applications is recommended. In order to evaluate ESD immunity,
two standards are largely used at this time: the JEDEC standard (Human Body Model),
which simulates the ESD of a human body contacting the device, and the ISO standard (IEC
61000-4-2), which simulates the ESD of a human body handling a tool (screwdriver, or a
metallic connector, etc.), approaching (Air Discharge) or contacting (Contact Discharge) the
device. The IEC 61036 standard requires that the device be immune to contact discharges
(ISO IEC 61000-4-2) of 8 kV, while the DL/T 645 standard requires meter equipments to
tolerate 15 kV (HBM) discharges. The ST485EB is compliant to both these specifications.
9
Revision history
Table 1.
Revision history
Date
Revision
Changes
11-Sep-2006
1
First release
28-Sep-2007
2
– No content changes, document reformatted.
– ST485ER replaced by ST485EB


Similar Part No. - AN1702

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1702FHK PANASONIC-AN1702FHK Datasheet
101Kb / 6P
   Gray-scale voltage generating IC for liquid crystal display
More results

Similar Description - AN1702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1690 STMICROELECTRONICS-AN1690 Datasheet
275Kb / 15P
   Fail-safe biasing for ST485EB
logo
List of Unclassifed Man...
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Analog Devices
AD2001 AD-AD2001_15 Datasheet
975Kb / 2P
   DIGIT PANEL METER FOR OEM APPLICATIONS
logo
List of Unclassifed Man...
LG16 ETC2-LG16 Datasheet
593Kb / 8P
   Compact Liquid Flow Meter for OEM Applications
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
   DM70 Handheld Dew Point Meter For spot-checking applications
logo
Sanyo Semicon Device
LB1412M SANYO-LB1412M Datasheet
72Kb / 5P
   Level Meter for 12 LEDs
logo
Suzhou Trophy Advance-T...
T6-01-200 TROPHY-T6-01-200 Datasheet
515Kb / 5P
   Operation Manual for Tension Meter
T1-01-020 TROPHY-T1-01-020_V01 Datasheet
1Mb / 6P
   Operation Manual for Tension Meter
logo
ASM GmbH
PD-INC-24VDC-G24V ASM-SENSOR-PD-INC-24VDC-G24V Datasheet
107Kb / 4P
   Digital Process Meter for Incremental Sensors
logo
WAGO Kontakttechnik Gmb...
879-3000 WAGO-879-3000 Datasheet
585Kb / 6P
   Energy consumption meter; for direct connection
18.10.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com