Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA3504-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA3504-SM
Description  2 to 30 GHz GaAs Wideband Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA3504-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA3504-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA3504-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TGA3504-SM
2 - 30 GHz GaAs Wideband Gain Block
Preliminary Datasheet: Rev - 09-18-14
- 3 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, V+ = 5 V
VD = 3 V, VCTRL = 0 V, IDQ = 50 mA,
PDISS = 0.21 W
48
ºC/W
Channel Temperature (TCH) (No RF drive)
95
°C
Median Lifetime (TM)
1.2 x 10^9
Hrs
Thermal Resistance (
θJC) (1)
Tbase = 85 °C, V+ = 5 V (CW)
VD = 3 V, VCTRL = 0 V, IDQ = 50 mA,
ID_Drive = 58 mA
PIN = 5 dBm, POUT = 11 dBm,
Freq = 16 GHz, PDISS = 0.16 W
42
ºC/W
Channel Temperature (TCH) (Under RF drive)
92
°C
Median Lifetime (TM)
1.8 x 10^9
Hrs
Notes:
1. Thermal resistance measured at back of the package.
Test Conditions: VD = 6 V; Failure Criteria is 10% reduction in ID_MAX
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
25
50
75
100
125
150
175
200
Channel Temperature, T
CH (°C)
Median Lifetime vs. Channel Temperature
FET5


Similar Part No. - TGA3504-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA3500-SM TRIQUINT-TGA3500-SM Datasheet
823Kb / 11P
   2-12 GHz Driver Amplifier
TGA3503-SM TRIQUINT-TGA3503-SM Datasheet
682Kb / 12P
   2-30 GHz GaAs Wideband Gain Block
TGA3503-SM TRIQUINT-TGA3503-SM_15 Datasheet
682Kb / 12P
   2-30 GHz GaAs Wideband Gain Block
More results

Similar Description - TGA3504-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA3503-SM TRIQUINT-TGA3503-SM_15 Datasheet
682Kb / 12P
   2-30 GHz GaAs Wideband Gain Block
logo
SJM Prewell. All Rights...
PG671 SJM-PG671 Datasheet
395Kb / 9P
   Wideband Gain Block
PNW351 SJM-PNW351 Datasheet
422Kb / 11P
   Wideband Gain Block
PNW355 SJM-PNW355 Datasheet
497Kb / 14P
   Wideband Gain Block
PNW533 SJM-PNW533 Datasheet
336Kb / 5P
   Wideband Gain Block
PS204-63 SJM-PS204-63 Datasheet
519Kb / 11P
   Wideband Gain Block
PW350 SJM-PW350_V01 Datasheet
425Kb / 6P
   Wideband Gain Block
PNW255 SJM-PNW255 Datasheet
351Kb / 6P
   Wideband Gain Block
PS103-63 SJM-PS103-63 Datasheet
346Kb / 6P
   Wideband Gain Block
PW290-63 SJM-PW290-63_V01 Datasheet
357Kb / 7P
   Wideband Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com