Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4030-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4030-SM
Description  17 to 37 GHz MPA/Multiplier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4030-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4030-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA4030-SM Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
TGA4030-SM
April 2012 © Rev A
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Measured Data
Bias Conditions: Vd = 5V, Idq = 140 mA, Vg = -0.75 V (Typical)
10
12
14
16
18
20
22
24
26
28
30
17
19
21
23
25
27
29
31
33
35
37
Frequency (GHz)
Series1


Similar Part No. - TGA4030-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 ??37 GHz MPA/Multiplier
More results

Similar Description - TGA4030-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 ??37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
   17 to 43 GHz MPA / Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
logo
Qorvo, Inc
TGA4040 QORVO-TGA4040 Datasheet
283Kb / 11P
   17 -43 GHz MPA / Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com