Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4036 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4036
Description  19 to 38 GHz Medium Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4036 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA4036_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4036_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TGA4036
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
4
6
8
10
12
14
16
18
20
22
24
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
Pin (dBm)
160
170
180
190
200
210
220
230
240
250
260
15
16
17
18
19
20
21
22
23
24
25
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
Frequency (GHz)
`
Preliminary Measured Data
Bias Conditions: Vd = 5 V, Idq = 160 mA
Psat
P1dB
Gain
Pout
Id
@ 29 GHz


Similar Part No. - TGA4036_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
More results

Similar Description - TGA4036_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
TGC4703-FC TRIQUINT-TGC4703-FC_15 Datasheet
340Kb / 11P
   19 to 38 GHz Doubler
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-545P8 AVAGO-MGA-545P8 Datasheet
117Kb / 9P
   50 MHz to 7 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com