Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4043 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4043
Description  Q Band Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4043 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4043 Datasheet HTML 1Page - TriQuint Semiconductor TGA4043 Datasheet HTML 2Page - TriQuint Semiconductor TGA4043 Datasheet HTML 3Page - TriQuint Semiconductor TGA4043 Datasheet HTML 4Page - TriQuint Semiconductor TGA4043 Datasheet HTML 5Page - TriQuint Semiconductor TGA4043 Datasheet HTML 6Page - TriQuint Semiconductor TGA4043 Datasheet HTML 7Page - TriQuint Semiconductor TGA4043 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TGA4043
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
V+
Positive Supply Voltage
8 V
2/
V-
Negative Supply Voltage Range
-5V TO 0V
I+
Positive Supply Current
960 mA
2/
| IG |
Gate Supply Current
56 mA
PIN
Input Continuous Wave Power
27 dBm
2/
PD
Power Dissipation
7.5 W
2/, 3/
TCH
Operating Channel Temperature
200 °C
4/, 5/
Mounting Temperature (30 Seconds)
320 °C
TSTG
Storage Temperature
-65 to 150 °C
1/
These ratings represent the maximum operable values for this device.
2/
Current is defined under no RF drive conditions. Combinations of supply voltage, supply
current, input power, and output power shall not exceed PD.
3/
When operated at this power dissipation with a base plate temperature of 70 °C, the median
life is 7.3E3 hours.
4/
Junction operating temperature will directly affect the device median time to failure (Tm). For
maximum life, it is recommended that junction temperatures be maintained at the lowest
possible levels.
5/
These ratings apply to each individual FET.
TABLE II
DC PROBE TEST
(TA = 25 °C, Nominal)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
Idss, Q1
Saturated Drain Current
40
188
mA
G m, Q1
Transconductance
88
212
mS
Vp, Q1,2, 3-6, 7, 8, 9-12 Pinch-off Voltage
-1.5
-0.5
V
VBVGD, Q1,2
Breakdown Voltage Gate-
Drain
-30
-8
V
VBVGS, Q1
Breakdown Voltage Gate-
Source
-30
-8
V


Similar Part No. - TGA4043

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4043 TRIQUINT-TGA4043 Datasheet
152Kb / 7P
   Q-band Power Amplifier
More results

Similar Description - TGA4043

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4043 TRIQUINT-TGA4043 Datasheet
152Kb / 7P
   Q-band Power Amplifier
logo
Mitsubishi Electric Sem...
MGFC5214 MITSUBISHI-MGFC5214 Datasheet
34Kb / 4P
   Q-Band 2-Stage Power Amplifier
logo
TriQuint Semiconductor
TGA4046 TRIQUINT-TGA4046 Datasheet
123Kb / 9P
   2W Q-Band High Power Amplifier
TGA4046 TRIQUINT-TGA4046_15 Datasheet
379Kb / 10P
   2W Q Band High Power Amplifier
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042_15 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
logo
Mitsubishi Electric Sem...
MGFC5216 MITSUBISHI-MGFC5216 Datasheet
31Kb / 4P
   Q-Band 4-Stage Driver Amplifier
logo
TriQuint Semiconductor
TGA2533 TRIQUINT-TGA2533 Datasheet
429Kb / 11P
   Ku-Band Power Amplifier
TGA2527-SM TRIQUINT-TGA2527-SM_15 Datasheet
763Kb / 13P
   Ku-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com