Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4502-SCC Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4502-SCC
Description  K Band High Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4502-SCC Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4502-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4502-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TGA4502-SCC
1
TriQuint Semiconductor Texas Phone: www.triquint.com (972)994-8465 Fax (972)994 8504 Info-mmw@tqs.com
Oct 2008 © Rev -
K Band High Power Amplifier
Key Features
17-27 GHz Application Frequency Range
22 dB Nominal Gain
29 dBm Nominal P1dB
37 dBm Nominal OTOI
15 dB Nominal Return Loss
0.25 um pHEMT 2MI Technology
Bias 7 V @ 760 mA
Chip Dimensions 1.52 x 3.29 x 0.1 mm
Primary Applications
K Band Sat-Com
Point-to-Point Radio
Point-to-Multipoint Communications
Fixtured Measured Performance
Bias Conditions: Vd = 7 V, Id = 760 mA
21
23
25
27
29
31
33
35
17
18
19
20
21
22
23
24
25
26
27
Frequency (GHz)
Psat
P1dB
-30
-24
-18
-12
-6
0
6
12
18
24
30
14
16
18
20
22
24
26
28
30
32
Frequency (G H z)
-30
-24
-18
-12
-6
0
6
12
18
24
30
G ain
Inpu
t
Output
Product Description
The TriQuint TGA4502-SCC is a compact
High Power Amplifier MMIC for K-band
applications. The part is designed using
TriQuint’s proven standard 0.25 um gate
power pHEMT production process.
The TGA4502-SCC provides a nominal
29 dBm of output power at 1 dB gain
compression from 17-27 GHz with a small
signal gain of 22 dB.
The part is ideally suited for low cost
emerging markets such as K-band
Satellite Communications, Point-to-Point
Radio, and Point-to-Multi Point
Communications.
The TGA4502-SCC is 100% DC and RF
tested on-wafer to ensure performance
compliance.
t


Similar Part No. - TGA4502-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results

Similar Description - TGA4502-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022 Datasheet
109Kb / 9P
   K-Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022_15 Datasheet
400Kb / 10P
   K Band High Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com