Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4505 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4505
Description  4 Watt Ka Band HPA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4505 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4505_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4505_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
TGA4505
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Measured Fixtured Data
Bias Conditions: Vd = 6 V, Id = 2.1 A
Data taken @ 30 GHz


Similar Part No. - TGA4505_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
More results

Similar Description - TGA4505_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4916 TRIQUINT-TGA4916_15 Datasheet
268Kb / 12P
   7 Watt Ka-Band HPA
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
TriQuint Semiconductor
TGA4501-SCC TRIQUINT-TGA4501-SCC Datasheet
218Kb / 11P
   24-31 GHz Ka Band HPA
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
   27- 32 GHz Ka Band HPA
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
logo
Analog Devices
HMC7056A AD-HMC7056A Datasheet
986Kb / 8P
   Ka-Band Block Upconverter With HPA
logo
TriQuint Semiconductor
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com