Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4506 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4506
Description  K Band Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4506 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4506 Datasheet HTML 1Page - TriQuint Semiconductor TGA4506 Datasheet HTML 2Page - TriQuint Semiconductor TGA4506 Datasheet HTML 3Page - TriQuint Semiconductor TGA4506 Datasheet HTML 4Page - TriQuint Semiconductor TGA4506 Datasheet HTML 5Page - TriQuint Semiconductor TGA4506 Datasheet HTML 6Page - TriQuint Semiconductor TGA4506 Datasheet HTML 7Page - TriQuint Semiconductor TGA4506 Datasheet HTML 8Page - TriQuint Semiconductor TGA4506 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
TGA4506
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
8
10
12
14
16
18
20
22
24
15
17
19
21
23
25
27
29
31
33
35
Frequency (GHz)
Measured Data
Bias Conditions: Vd = 3.5 V, Id = 60 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
21
22
23
24
25
26
27
Frequency (GHz)


Similar Part No. - TGA4506

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4506 TRIQUINT-TGA4506 Datasheet
124Kb / 9P
   K Band Low Noise Amplifier
TGA4506-SM TRIQUINT-TGA4506-SM Datasheet
117Kb / 10P
   K Band Packaged Low Noise Amplifier
More results

Similar Description - TGA4506

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4506 TRIQUINT-TGA4506 Datasheet
124Kb / 9P
   K Band Low Noise Amplifier
TGA4506-SM TRIQUINT-TGA4506-SM Datasheet
117Kb / 10P
   K Band Packaged Low Noise Amplifier
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
California Eastern Labs
NE3514S02 CEL-NE3514S02 Datasheet
269Kb / 8P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3514S02 RENESAS-NE3514S02 Datasheet
202Kb / 11P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3517S03 CEL-NE3517S03 Datasheet
310Kb / 8P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
Renesas Technology Corp
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com