Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4509-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA4509-SM
Description  Ka-Band Packaged 1W PA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4509-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA4509-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4509-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
11
April 2012 © Rev C
Ordering Information
Part
Package Style
TGA4509-SM
QFN 4x4 Surface Mount
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
TGA4509-SM
Recommended Surface Mount Package Assembly
Proper ESD precautions must be followed while handling packages.
TriQuint recommends using a conductive solder paste for attachment. Follow solder paste and reflow oven
vendors’ recommendations when developing a solder reflow profile. Typical solder reflow profiles are listed
in the table below.
Hand soldering is not recommended. Solder paste can be applied using a stencil printer or dot placement.
The volume of solder paste depends on PCB and component layout and should be well controlled to
ensure consistent mechanical and electrical performance.
Solder attach process requires the use of no clean flux.
Typical Solder Reflow Profiles
Reflow Profile
SnPb
Pb Free
Ramp-up Rate
3
°C/sec
3
°C/sec
Activation Time and
Temperature
60 – 120 sec @ 140 – 160
°C
60 – 180 sec @ 150 – 200
°C
Time above Melting Point
60 – 150 sec
60 – 150 sec
Max Peak Temperature
240
°C
260
°C
Time within 5
°C of Peak
Temperature
10 – 20 sec
10 – 20 sec
Ramp-down Rate
4 – 6
°C/sec
4 – 6
°C/sec


Similar Part No. - TGA4509-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
More results

Similar Description - TGA4509-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
TGA4915-CP TRIQUINT-TGA4915-CP_15 Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
logo
Filtronic Compound Semi...
LP1500P100 FILTRONIC-LP1500P100 Datasheet
48Kb / 3P
   PACKAGED 1W POWER PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com