Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4514 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4514
Description  2 Watt Ka-Band Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4514 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4514 Datasheet HTML 5Page - TriQuint Semiconductor TGA4514 Datasheet HTML 6Page - TriQuint Semiconductor TGA4514 Datasheet HTML 7Page - TriQuint Semiconductor TGA4514 Datasheet HTML 8Page - TriQuint Semiconductor TGA4514 Datasheet HTML 9Page - TriQuint Semiconductor TGA4514 Datasheet HTML 10Page - TriQuint Semiconductor TGA4514 Datasheet HTML 11Page - TriQuint Semiconductor TGA4514 Datasheet HTML 12Page - TriQuint Semiconductor TGA4514 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TGA4514
10
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
July 2009 © Rev A
RF Output
RF Input
TGA4514
Vg_Bottom
Vg_Top
Vd_Top
Vd_Bottom
Electrical Schematic
1
3
5
2
6
4
Bias Procedures
Bias-up Procedure
Bias-down Procedure
Vg set to -1.5 V
Turn off RF supply
Vd_set to +6 V
Reduce Vg to -1.5V. Ensure Id ~ 0 mA
Adjust Vg more positive until quiescent Id is 1115 mA.
This will be ~ Vg = -0.45 V
Turn Vd to 0 V
Apply RF signal to input
Turn Vg to 0 V


Similar Part No. - TGA4514

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4514-EPU TRIQUINT-TGA4514-EPU Datasheet
224Kb / 11P
   Ka Band 2W Power Amplifier
More results

Similar Description - TGA4514

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
   2 Watt X-Band Power Amplifier
logo
TriQuint Semiconductor
TGA2510-TS TRIQUINT-TGA2510-TS_15 Datasheet
504Kb / 12P
   Ku Band, 2 Watt Power Amplifier
TGA2510-EPU TRIQUINT-TGA2510-EPU Datasheet
264Kb / 11P
   Ku Band, 2 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com