Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4517 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4517
Description  Ka Band Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4517 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4517 Datasheet HTML 1Page - TriQuint Semiconductor TGA4517 Datasheet HTML 2Page - TriQuint Semiconductor TGA4517 Datasheet HTML 3Page - TriQuint Semiconductor TGA4517 Datasheet HTML 4Page - TriQuint Semiconductor TGA4517 Datasheet HTML 5Page - TriQuint Semiconductor TGA4517 Datasheet HTML 6Page - TriQuint Semiconductor TGA4517 Datasheet HTML 7Page - TriQuint Semiconductor TGA4517 Datasheet HTML 8Page - TriQuint Semiconductor TGA4517 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
TGA4517
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
PARAMETER
TYPICAL
UNITS
Frequency Range
31 - 37
GHz
Drain Voltage, Vd
6
V
Drain Current (Quiescent), Idq
2
A
Gate Voltage, Vg
-0.5
V
Small Signal Gain, S21 @ Mid-band
20
dB
Input Return Loss, S11
14
dB
Output Return Loss, S22
12
dB
Output Power, Psat
35
dBm
TABLE III
ELECTRICAL CHARACTERISTICS
(Ta = 25 0C, Nominal)


Similar Part No. - TGA4517

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
More results

Similar Description - TGA4517

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4903-SM TRIQUINT-TGA4903-SM_15 Datasheet
1Mb / 14P
   Ka-Band Medium Power Amplifier
logo
Qorvo, Inc
TGA4516 QORVO-TGA4516 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516-TS TRIQUINT-TGA4516-TS_15 Datasheet
272Kb / 10P
   Ka-Band 2W Power Amplifier
TGA4514-EPU TRIQUINT-TGA4514-EPU Datasheet
224Kb / 11P
   Ka Band 2W Power Amplifier
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516_15 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com