Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4530 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4530
Description  K Band High Linearity Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4530 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4530 Datasheet HTML 2Page - TriQuint Semiconductor TGA4530 Datasheet HTML 3Page - TriQuint Semiconductor TGA4530 Datasheet HTML 4Page - TriQuint Semiconductor TGA4530 Datasheet HTML 5Page - TriQuint Semiconductor TGA4530 Datasheet HTML 6Page - TriQuint Semiconductor TGA4530 Datasheet HTML 7Page - TriQuint Semiconductor TGA4530 Datasheet HTML 8Page - TriQuint Semiconductor TGA4530 Datasheet HTML 9Page - TriQuint Semiconductor TGA4530 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
TriQuint Semiconductor: www.triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com Web: www.triquint.com
Oct 2008 © Rev A
TGA4530
10
12
14
16
18
20
22
24
26
28
30
32
34
36
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
Pin (dBm)
820
840
860
880
900
920
940
960
980
1000
1020
1040
1060
1080
Pout
Gain
Id
Measured Data
Bias Conditions: Vd = 7 V, Idq = 825 mA
25
26
27
28
29
30
31
32
33
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
Frequency (GHz)
Psat
P1dB
Vd = 7 V
Vd = 7 V, @ 19GHz


Similar Part No. - TGA4530

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
More results

Similar Description - TGA4530

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022 Datasheet
109Kb / 9P
   K-Band High Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC_15 Datasheet
646Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022_15 Datasheet
400Kb / 10P
   K Band High Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com