Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4530 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4530
Description  K Band High Linearity Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4530 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4530 Datasheet HTML 1Page - TriQuint Semiconductor TGA4530 Datasheet HTML 2Page - TriQuint Semiconductor TGA4530 Datasheet HTML 3Page - TriQuint Semiconductor TGA4530 Datasheet HTML 4Page - TriQuint Semiconductor TGA4530 Datasheet HTML 5Page - TriQuint Semiconductor TGA4530 Datasheet HTML 6Page - TriQuint Semiconductor TGA4530 Datasheet HTML 7Page - TriQuint Semiconductor TGA4530 Datasheet HTML 8Page - TriQuint Semiconductor TGA4530 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TriQuint Semiconductor: www.triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com Web: www.triquint.com
Oct 2008 © Rev A
TGA4530
TABLE I
ABSOLUTE MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
Vd
Positive Supply Voltage
8 V
Vg
Negative Supply Voltage Range
-5 V TO 0 V
Id
Positive Supply Current
1.75 A
| IG |
Gate Supply Current
35 mA
PIN
Input Continuous Wave Power
26 dBm
PD
Power Dissipation
14.0 W
Tchannel
Channel Temperature
200 °C
2/
Mounting Temperature (30 Seconds)
320 °C
Storage Temperature
-65 to 200 °C
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and/or affect device
lifetime. These are stress ratings only, and functional operation of the device at these conditions is not
implied.
.2/
Junction operating temperature will directly affect the device median lifetime. For maximum life, it is
recommended that junction temperatures be maintained at the lowest possible levels.
PARAMETER
TYPICAL
UNITS
Frequency Range
17 - 21
GHz
Drain Voltage, Vd
7
V
Drain Current, Id
825
mA
Gate Voltage, Vg
-0.45
V
Small Signal Gain, S21
20
dB
Input Return Loss, S11
20
dB
Output Return Loss, S22
20
dB
Saturated Output Power @ Pin = 16dBm, Psat
32
dBm
Output Power @ 1dB Gain Compression, P1dB
30
dBm
Output Third Order Intercept, OTOI @ 20dBm/Tone
42
dBm
Small Signal Gain Temperature Coefficient
-0.03
dB/
0C
Noise Figure @ 19GHz
6
dB
TABLE II
ELECTRICAL CHARACTERISTICS
(Ta = 25 °C Nominal)


Similar Part No. - TGA4530

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
More results

Similar Description - TGA4530

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022 Datasheet
109Kb / 9P
   K-Band High Power Amplifier
TGA4502-SCC TRIQUINT-TGA4502-SCC_15 Datasheet
646Kb / 11P
   K Band High Power Amplifier
TGA4022 TRIQUINT-TGA4022_15 Datasheet
400Kb / 10P
   K Band High Power Amplifier
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4534-SM TRIQUINT-TGA4534-SM_15 Datasheet
748Kb / 15P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com