Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4534-SM Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4534-SM
Description  K-Band Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4534-SM Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA4534-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4534-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TGA4534-SM
K-Band Power Amplifier
Preliminary Datasheet: Rev B 8-13-14
- 7 of 15 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
10
12
14
16
18
20
22
24
26
28
30
14
15
16
17
18
19
20
21
22
-40 C
+25 C
+85C
Gain vs. Frequency vs. Temperature
Frequency (GHz)
35
36
37
38
39
40
41
42
43
44
45
17
18
19
20
21
-40 C
+25 C
+85C
Output TOI vs. Frequency vs. Temperature
Frequency (GHz)
23 dBm Output Power / Tone
28
29
30
31
32
33
34
35
36
17
18
19
20
21
-40 C
+25 C
+85C
P1dB vs. Frequency vs. Temperature
Frequency (GHz)
28
29
30
31
32
33
34
35
36
17
18
19
20
21
-40 C
+25 C
+85C
Saturated Power vs. Frequency vs. Temperature
Frequency (GHz)
0.01
0.1
1
10
0
5
10
15
20
25
30
35
-40 C
+85C
+25 C
Power Detector vs. Output Power vs. Temperature
Output Power (dBm)
18.5 GHz
Typical Performance
Test conditions unless otherwise noted: Vd =+6 V, Vg = -0.7 V, Idq = 1430 mA, Temperature = +25 °C


Similar Part No. - TGA4534-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
More results

Similar Description - TGA4534-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
TGA4536-SM TRIQUINT-TGA4536-SM_15 Datasheet
695Kb / 15P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4532-SM QORVO-TGA4532-SM Datasheet
530Kb / 12P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4533-SM TRIQUINT-TGA4533-SM_15 Datasheet
588Kb / 14P
   K-Band Power Amplifier
logo
Qorvo, Inc
TGA4533-SM QORVO-TGA4533-SM Datasheet
656Kb / 14P
   K-Band Power Amplifier
logo
TriQuint Semiconductor
TGA4535-SM TRIQUINT-TGA4535-SM_15 Datasheet
805Kb / 15P
   K-Band Power Amplifier
TGA4532 TRIQUINT-TGA4532_15 Datasheet
219Kb / 12P
   K-Band Power Amplifier
logo
Eudyna Devices Inc
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
   K Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com