Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4538 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA4538
Description  37 to 40 GHz Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4538 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA4538_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4538_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
TGA4538
Table IV
Power Dissipation and Thermal Properties
Parameter
Test Conditions
Value
Maximum Power Dissipation
Tbaseplate = 70 °C
Pd = 6.5 W
Tchannel = 200 °C
Tm = 7.1 E+3 Hrs
Thermal Resistance, θjc
Vd = 5 V
Id = 600 mA
Pd = 3.0 W
θjc = 19.9 °C/W
Tchannel = 129 °C
Tm = 1.1 E+7 Hrs
Thermal Resistance, θjc
Under RF Drive
Vd = 5 V
Id = 1000 mA
Pout = 29.5 dBm
Pd = 4.1 W
θjc =19.9 °C/W
Tchannel = 152 °C
Tm = 8.1 E+5 Hrs
Mounting Temperature
30 Seconds
320 °C
Storage Temperature
-65 to 150 °C
Median Lifetime vs Channel Temperature
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
25
50
75
100
125
150
175
200
Channel Temperature (°C)
FET5
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
December 2010 Rev B


Similar Part No. - TGA4538_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4530 TRIQUINT-TGA4530 Datasheet
275Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4530 TRIQUINT-TGA4530_15 Datasheet
326Kb / 12P
   K Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
TGA4531 TRIQUINT-TGA4531_15 Datasheet
677Kb / 15P
   K-Band High Linearity Power Amplifier
More results

Similar Description - TGA4538_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
   37 to 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
logo
Fairchild Semiconductor
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
   37-40 GHz GaAs MMIC Power Amplifier
RMPA39200 FAIRCHILD-RMPA39200 Datasheet
236Kb / 8P
   37-40 GHz 1.6 Watt Power Amplifier MMIC
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
   37-40 GHz 1 Watt Power Amplifier MMIC
logo
List of Unclassifed Man...
RMWL38001 ETC-RMWL38001 Datasheet
382Kb / 7P
   37-40 GHz Low Noise Amplifier MMIC
logo
Alpha Industries
AA038P2-00 ALPHA-AA038P2-00 Datasheet
88Kb / 2P
   37-40 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC-APH510 HITTITE-HMC-APH510 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 37 - 40 GHz
logo
Agilent(Hewlett-Packard...
AMMC-6440 HP-AMMC-6440 Datasheet
435Kb / 8P
   37 - 42 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com