Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4539-SM Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA4539-SM
Description  Ka Band 1 Watt Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4539-SM Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA4539-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 12Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 13Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TGA4539-SM
Ka-Band 1 Watt Power Amplifier
Data Sheet: Rev I 03-03-15
- 11 of 14 -
Disclaimer: Subject to change without notice e
© 2014 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Mechanical Information
Package Information and Dimensions
All dimensions are in millimeters.
The TGA4539-SM will be marked with the “4539” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the year the part was manufactured, the “WW” is the work week, and the “XXXX” is an auto-
generated number. The OCR-A 2D Code has four rows and is the ‘XXXX number, one digit per row.
This package is lead-free/RoHS-compliant with a copper alloy base (CDA194), and the plating material on the leads is
NiPdAu. It is compatible with a lead-free (maximum 260 °C reflow temperature) soldering process.


Similar Part No. - TGA4539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
More results

Similar Description - TGA4539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com