Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4541-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4541-SM
Description  Ka Band Variable Gain Driver Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4541-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4541-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4541-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TGA4541-SM
Ka-Band Variable Gain Driver Amplifier
Datasheet: Rev A 08-30-13
-
1 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
VSAT
Point-to-Point Radio
Test Equipment & Sensors
QFN 6x6mm 40L
Product Features
Functional Block Diagram
Frequency Range: 28 – 31 GHz
Power: 23 dBm P1dB
Gain: 33 dB
Output TOI: 31 dBm
Attenuation Range: 30 dB
Bias: Vd = 5 V, Id = 330 mA, Vg = -0.7 V
Typical
Package Dimensions: 6.0 x 6.0 x 0.85 mm
General Description
Pin Configuration
The TriQuint TGA4541-SM is a variable gain
amplifier to be used as a driver amplifier in linear
Ka band applications. The TGA4541-SM operates
from 28 to 31 GHz and is designed using TriQuint’s
pHEMT production process.
The TGA4541-SM typically provides 23 dBm of
linear power with 32 dB of small signal gain and 31
dBm of output TOI. The attenuation range is
typically 30 dB.
The TGA4541-SM is available in a low-cost,
surface mount 40 lead 6x6 QFN package and is
ideally suited for VSAT ground terminals and Point-
to-Point Radio applications.
Lead-free and RoHS compliant.
Evaluation Boards are available upon request.
Pin #
Symbol
1, 2, 3, 5, 6, 7, 8, 9, 10,
11, 12, 13, 15, 17, 19, 20,
21, 22, 23, 25, 26, 27, 28,
29, 30, 31, 32, 33, 34, 37,
39, 40
N/C
4
RF IN
14
Vg
16
Vd2
18
Vd3
24
RF OUT
35
Vc
36
Gnd
38
Vd1
Ordering Information
Part No.
ECCN
Description
TGA4541-SM
EAR99
Ka-band Variable Gain Amp
Standard T/R size = 500 pieces on a 7” reel.
4541
1347
5717


Similar Part No. - TGA4541-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
More results

Similar Description - TGA4541-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
Analog Devices
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
   E-Band Variable Gain Amplifier
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
   E-Band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
logo
WJ Communication. Inc.
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
   PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
601Kb / 7P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112 Datasheet
277Kb / 4P
   PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
   PCS/UMTS-band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4510-EPU TRIQUINT-TGA4510-EPU Datasheet
166Kb / 9P
   Ka-band Compact Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com