Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4543 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4543
Description  40.5 to 43.5 GHz Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4543 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4543_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA4543_15 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TGA4543
40.5 - 43.5 GHz Power Amplifier
Preliminary Data Sheet: Rev
– 9/15/12
- 9 of 12 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Application Circuit
Vd must be biased from both sides. Vg can be biased from either side.
Bias-up Procedure
Bias-down Procedure
Vg set to -1.5 V
Turn off RF supply
Vd set to +6 V
Reduce Vg to -1.5V. Ensure Id ~ 0 mA
Adjust Vg more positive until quiescent Id is 900 mA.
This will be ~ Vg = -0.7 V
Turn Vd to 0 V
Apply RF signal to RF Input
Turn Vg to 0 V
Vref
Id = 900 mA
Vdet
Vdiff
RF Out
RF In
11
12
13
14
5
4
3
6
2
9
10
8
7
1
Vg
-0.7 V Typical
C1
100 pF
C7
0.01 uF
C2
100 pF
C3
100 pF
C4
100 pF
C5
100 pF
C6
100 pF
C8
0.01 uF
C9
0.01 uF
C10
0.01 uF
C11
0.01 uF
C12
0.01 uF
R1
10 Ohm
C13
1 uF
C14
1 uF
R2
10 Ohm
R3
10 Ohm
C15
1 uF
R5
40k Ohm
R4
40k Ohm
6 V


Similar Part No. - TGA4543_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
   40.5 - 43.5 GHz Power Amplifier
More results

Similar Description - TGA4543_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
   40.5 - 43.5 GHz Power Amplifier
logo
Broadcom Corporation.
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
   40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
   40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com