Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4600 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA4600
Description  60GHz Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4600 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TGA4600_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4600_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
June 15, 2013
8
Assembly Process Notes
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
R e flo w p r o c e s s a s s e m b ly n o te s :
U s e A u S n ( 8 0 /2 0 ) s o ld e r w ith lim ite d e x p o s u r e to te m p e r a tu r e s a t o r a b o v e 3 0 0
0
C ( 3 0 s e c o n d s m a x ) .
A n a llo y s ta tio n o r c o n v e y o r fu r n a c e w ith r e d u c in g a tm o s p h e r e s h o u ld b e u s e d .
N o flu x e s s h o u ld b e u tiliz e d .
C o e ffic ie n t o f th e r m a l e x p a n s io n m a tc h in g is c r itic a l fo r lo n g - te r m r e lia b ility .
D e v ic e s m u s t b e s to r e d in a d r y n itr o g e n a tm o s p h e r e .
C o m p o n e n t p la c e m e n t a n d a d h e s iv e a tta c h m e n t a s s e m b ly n o te s :
V a c u u m p e n c ils a n d /o r v a c u u m c o lle ts a r e th e p r e fe r r e d m e th o d o f p ic k u p .
A ir b r id g e s m u s t b e a v o id e d d u r in g p la c e m e n t.
T h e fo r c e im p a c t is c r itic a l d u r in g a u to p la c e m e n t.
O r g a n ic a tta c h m e n t c a n b e u s e d in lo w - p o w e r a p p lic a tio n s .
C u r in g s h o u ld b e d o n e in a c o n v e c tio n o v e n ; p r o p e r e x h a u s t is a s a fe ty c o n c e r n .
M ic r o w a v e o r r a d ia n t c u r in g s h o u ld n o t b e u s e d b e c a u s e o f d iffe r e n tia l h e a tin g .
C o e ffic ie n t o f th e r m a l e x p a n s io n m a tc h in g is c r itic a l.
In te r c o n n e c t p r o c e s s a s s e m b ly n o te s :
T h e r m o s o n ic b a ll b o n d in g is th e p r e fe r r e d in te r c o n n e c t te c h n iq u e .
F o r c e , tim e , a n d u ltr a s o n ic s a r e c r itic a l p a r a m e te r s .
A lu m in u m w ir e s h o u ld n o t b e u s e d .
M a x im u m s ta g e te m p e r a tu r e is 2 0 0
0
C.
TGA4600


Similar Part No. - TGA4600_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
More results

Similar Description - TGA4600_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5715X EUDYNA-FMM5715X Datasheet
276Kb / 10P
   60GHz Power Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com