Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4706-FC Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4706-FC
Description  77 GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4706-FC Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4706-FC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4706-FC_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
TGA4706-FC
November 2009 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Table III
RF Characterization Table
SYMBOL
PARAMETER
TEST
CONDITIONS
MINIMUM
NOMINAL
UNITS
Gain
Small Signal Gain
f = 76-77 GHz
15
dB
IRL
Input Return Loss
f = 76-77 GHz
4
dB
ORL
Output Return Loss
f = 76-77 GHz
15
dB
Psat
Saturated Output
Power
f = 77 GHz
14
dBm
Pout
Output Power (Input
Power=-3dBm)
f = 77 GHz
9
12
dBm
Bias conditions: Vd = 3.5 V, Vg = +0.2 V, Idq = 125 mA Typical


Similar Part No. - TGA4706-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
More results

Similar Description - TGA4706-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGC4704-FC TRIQUINT-TGC4704-FC_15 Datasheet
453Kb / 12P
   38 to 77 GHz Doubler and Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
   31 GHz Medium Power Amplifier
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
   71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4705-FC TRIQUINT-TGA4705-FC Datasheet
231Kb / 11P
   77 GHz Flip-Chip Low Noise Amplifier
TGA4705-FC TRIQUINT-TGA4705-FC_15 Datasheet
231Kb / 11P
   77 GHz Flip-Chip Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-545P8 HP-MGA-545P8 Datasheet
190Kb / 10P
   1-7 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
   17-21 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com