Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4803 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4803
Description  DC to 50 GHz MPA with AGC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4803 Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TGA4803 Datasheet HTML 1Page - TriQuint Semiconductor TGA4803 Datasheet HTML 2Page - TriQuint Semiconductor TGA4803 Datasheet HTML 3Page - TriQuint Semiconductor TGA4803 Datasheet HTML 4Page - TriQuint Semiconductor TGA4803 Datasheet HTML 5Page - TriQuint Semiconductor TGA4803 Datasheet HTML 6Page - TriQuint Semiconductor TGA4803 Datasheet HTML 7Page - TriQuint Semiconductor TGA4803 Datasheet HTML 8Page - TriQuint Semiconductor TGA4803 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
TGA4803
May 2009 © Rev -
Assembly Process Notes
Reflow process assembly notes:
Use AuSn (80/20) solder with limited exposure to temperatures at or above 300
0C (30 seconds max).
An alloy station or conveyor furnace with reducing atmosphere should be used.
No fluxes should be utilized.
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Component placement and adhesive attachment assembly notes:
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
Air bridges must be avoided during placement.
The force impact is critical during auto placement.
Organic attachment can be used in low-power applications.
Curing should be done in a convection oven; proper exhaust is a safety concern.
Microwave or radiant curing should not be used because of differential heating.
Coefficient of thermal expansion matching is critical.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonics are critical parameters.
Aluminum wire should not be used.
Maximum stage temperature is 200
0C.
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com


Similar Part No. - TGA4803

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
More results

Similar Description - TGA4803

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
TGA1328-SCC TRIQUINT-TGA1328-SCC_15 Datasheet
917Kb / 10P
   DC-18GHz MPA with AGC
TGA1328-SCC TRIQUINT-TGA1328-SCC Datasheet
457Kb / 10P
   DC-18GHz MPA with AGC
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
   17 to 43 GHz MPA / Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
logo
Qorvo, Inc
TGA4040 QORVO-TGA4040 Datasheet
283Kb / 11P
   17 -43 GHz MPA / Multiplier
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 ??37 GHz MPA/Multiplier
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
logo
Mini-Circuits
ANNE-50X MINI-ANNE-50X Datasheet
69Kb / 1P
   Termination SMA 50??DC to 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com