Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4803 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4803
Description  DC to 50 GHz MPA with AGC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4803 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4803 Datasheet HTML 1Page - TriQuint Semiconductor TGA4803 Datasheet HTML 2Page - TriQuint Semiconductor TGA4803 Datasheet HTML 3Page - TriQuint Semiconductor TGA4803 Datasheet HTML 4Page - TriQuint Semiconductor TGA4803 Datasheet HTML 5Page - TriQuint Semiconductor TGA4803 Datasheet HTML 6Page - TriQuint Semiconductor TGA4803 Datasheet HTML 7Page - TriQuint Semiconductor TGA4803 Datasheet HTML 8Page - TriQuint Semiconductor TGA4803 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TGA4803
May 2009 © Rev -
Description
The TriQuint TGA4803 is a medium power
wideband AGC amplifier that typically provides 8dB
small signal gain with 3dB AGC range. Typical input
and output return loss is >10dB. Typical Noise
Figure is 5dB at 3GHz. Typical saturated output
power is 17dBm. Small signal 3dB BW is >50GHz.
RF ports are DC coupled enabling the user to
customize system corner frequencies.
The TGA4803 is an excellent choice for 43Gb/s
NRZ applications. The TGA4803 is capable of
driving a single Electro-Absorptive optical Modulator
(EAM) with electrical Non-Return to Zero (NRZ)
data. In addition, the TGA4803 may also be used as
a transmit predriver or a receive gain block.
Drain bias may be applied through the output port
for best efficiency or through the on-chip drain
termination. Three stages in cascade demonstrated
3.8Vpp output voltage swing with 350mV at the input
when stimulated with 43Gb/s 2^31-1prbs NRZ data.
The TGA4803 requires off-chip decoupling and
blocking components. Each device is 100% DC and
RF tested on-wafer to ensure performance
compliance. The device is available in die form.
Lead-free and RoHS compliant
Key Features and Performance
0.15um pHEMT Technology
DC to >50GHz Linear BW
8dB Gain, 14dBm @ P1dB
Group Delay Ripple +/- 6ps to 50 GHz
<10ps Edge Rates (20/80)
3.5Vpp 43Gb/s NRZ PRBS
Bias: Vd=6.5V, 100mA
Chip Size: 1.90 x 1.09 x 0.10 mm
Primary Applications
Test Equipment
Ultra Wideband
43Gb/s OC768 EAM Driver
43Gb/s OC768 Gain Stage:
Single Stage
40Gb/s NRZ 2^31-1 PRBS
40 Gb/s Data Eye: 3.7V(amp) **
** Input 40Gb/s data stream generated
using an Anritsu MUX. Vin=1.8Vpp.
Measured Performance
-30
-25
-20
-15
-10
-5
0
5
10
15
0
1020
30
4050
607080
Frequency (GHz)
S11
S22
S21
DC to >50 GHz MPA with AGC
Datasheet subject to change without notice
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com


Similar Part No. - TGA4803

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
More results

Similar Description - TGA4803

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
TGA1328-SCC TRIQUINT-TGA1328-SCC_15 Datasheet
917Kb / 10P
   DC-18GHz MPA with AGC
TGA1328-SCC TRIQUINT-TGA1328-SCC Datasheet
457Kb / 10P
   DC-18GHz MPA with AGC
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
   17 to 43 GHz MPA / Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
logo
Qorvo, Inc
TGA4040 QORVO-TGA4040 Datasheet
283Kb / 11P
   17 -43 GHz MPA / Multiplier
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM Datasheet
434Kb / 17P
   17 ??37 GHz MPA/Multiplier
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
logo
Mini-Circuits
ANNE-50X MINI-ANNE-50X Datasheet
69Kb / 1P
   Termination SMA 50??DC to 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com