Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3141 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3141
Description  LC filters for mobile phone LCD and camera links
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3141 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3141 Datasheet HTML 1Page - STMicroelectronics AN3141 Datasheet HTML 2Page - STMicroelectronics AN3141 Datasheet HTML 3Page - STMicroelectronics AN3141 Datasheet HTML 4Page - STMicroelectronics AN3141 Datasheet HTML 5Page - STMicroelectronics AN3141 Datasheet HTML 6Page - STMicroelectronics AN3141 Datasheet HTML 7Page - STMicroelectronics AN3141 Datasheet HTML 8Page - STMicroelectronics AN3141 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EMI issue on the mobile phone
AN3141
2/14
Doc ID 17004 Rev 1
1
EMI issue on the mobile phone
The baseband part of the mobile phone can be either the object or the source of EMI.
A mobile phone can generate a power up to 2 W in the GSM band. This radiation can impact
external wires, such as the hands-free kit, or USB cable. This can generate TDMA noise on
the audio part, but also errors on the USB link. In this case the mobile phone is the object of
EMI, as shown on Figure 1.
Figure 1.
Baseband is a victim of EMI
The mobile phone can be also a source of EMI, regarding the RF part.
The sensitivity of a mobile phone needs to be very good, especially concerning
communications far from the base station. According to TS125101 and TS100910
standards, sensitivity must be as low as -104 dBm in GSM mode and -107 dBm in
W-CDMA. These sensitivities can be achieved by a radio system, but it needs to be free of
external noise.
As the digital signal spectrum is wide-band, harmonics can occur at the same frequency as
the receiving frequency. Radiation at these frequencies, by a flex for example, can impact
the antenna, producing noise at the LNA input.
Figure 2 presents a case where the base station (BST) signal received by the antenna is
lower than the flex radiation. The base station signal is below the noise floor, and cannot be
used by the mobile phone. Only a BST signal higher than noise floor can be received.
Mobile phone sensitivity is thus defined by the flex radiation noise, and not by the RF system
performance.
Antenna
LCD
BB
Flex
Camera
t
t
Antenna radiation, TDMA
TDMA
demodulation
Antenna
LCD
BB
Flex
Camera
Antenna
LCD
BB
Flex
t
t
Antenna radiation, TDMA
TDMA
demodulation
Camera


Similar Part No. - AN3141

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
AN314 CIRRUS-AN314 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
   How to configure the SPEAr3xx general purpose timers
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
   Audio software codec for the STM8S
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
   Power management in STM8L and STM8AL
More results

Similar Description - AN3141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475780006 MOLEX6-0475780006 Datasheet
83Kb / 2P
   Cover for Mobile Phone Camera Socket
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
BD6028GU ROHM-BD6028GU Datasheet
399Kb / 6P
   Power supply for CCD camera of mobile phone
BD6020GU ROHM-BD6020GU Datasheet
391Kb / 6P
   Power supply for CCD camera of mobile phone
logo
List of Unclassifed Man...
HMS30C7080 ETC-HMS30C7080 Datasheet
36Kb / 2P
   Mobile Phone Camera Back-End Processor
logo
Molex Electronics Ltd.
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
0475860001 MOLEX6-0475860001 Datasheet
213Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
0784990002 MOLEX9-0784990002 Datasheet
310Kb / 5P
   Camera Socket for Mobile Phone, Bottom Contact, 6.5x6.5 Camera Module, withoutPick-and-Place Cap, Lead free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com