Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4903-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4903-SM
Description  Ka-Band Medium Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4903-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4903-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA4903-SM_15 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
TGA4903-SM
April 2012 © Rev A
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Electrical Schematic
Bias Procedures
Bias-up Procedure
Bias-down Procedure
Connect Vg1 and Vg2 together. (“Vg”)
Connect Vd1 and Vd2 together. (“Vd”)
Turn off RF supply
Vg set to -1.5 V
Reduce Vg to -1.5V. Ensure Id ~ 0 mA
Vd set to +5 V
Turn Vd to 0 V
Adjust Vg more positive until Id is 170 mA. This will
be ~ Vg = -0.6 V
Turn Vg to 0 V
Apply RF signal to input


Similar Part No. - TGA4903-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
More results

Similar Description - TGA4903-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
Qorvo, Inc
TGA4516 QORVO-TGA4516 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516-TS TRIQUINT-TGA4516-TS_15 Datasheet
272Kb / 10P
   Ka-Band 2W Power Amplifier
TGA4514-EPU TRIQUINT-TGA4514-EPU Datasheet
224Kb / 11P
   Ka Band 2W Power Amplifier
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516_15 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com