Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVA30 Datasheet(PDF) 2 Page - International Rectifier

Part # PVA30
Description  Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA30 Datasheet(HTML) 2 Page - International Rectifier

  PVA30 Datasheet HTML 1Page - International Rectifier PVA30 Datasheet HTML 2Page - International Rectifier PVA30 Datasheet HTML 3Page - International Rectifier PVA30 Datasheet HTML 4Page - International Rectifier PVA30 Datasheet HTML 5Page - International Rectifier PVA30 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVA30 — BOSFET® Photovoltaic Relay
OUTPUT CHARACTERISTICS
PVA3054
PVA3055
Units
Operating Voltage Range
0 to ± 300
V(PEAK)
Maxiumum Load Current 40°C (see figure 1)
40
mA(DC)
Response Time @25°C (see figures 7 and 8)
Maximum T(on) @ 12mA Control, 20 mA Load, 100 VDC
25
µs
Maximum T(off) @ 12mA Control, 20 mA Load, 100 VDC
15
µs
Max. On-state Resistance 25°C (Pulsed) (fig. 4) 10 mA Load, 5mA Control
160
Minimum Off-state Resistance 25°C @ 240 VDC
1010
1011
Maximum Off-state Leakage 25°C @ 5.0 VDC (see figure 5)
0.05
nA
Maximum Thermal Offset Voltage @ 5.0mA Control V
O(OS)
0.2
µvolts
Minimum Off-State dv/dt
1000
V/µs
Maximum Output Capacitance (see figure 9)
3.0
pF @ 40VDC
INPUT CHARACTERISTICS
PVA3054
PVA3055
Units
Minimum Control Current (see figure 1)
DC
For 40mA Continuous Load Current
5.0
mA@40°C
For 22mA Continuous Load Current
5.0
mA@60°C
Maximum Control Current for Off-State Resistance at 25°C
10
µA(DC)
Control Current Range (Caution: current limit input LED. See figure 6)
2.0 to 25
mA(DC)
Maximum Reverse Voltage
7.0
V(DC)
Electrical Specifications (-40
°C ≤ T
A ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS (PVA3054 and PVA3055)
Units
Dielectric Strength: Input-Output
2500
VRMS
Insulation Resistance: Input-Output @ 90VDC
1012 @ 25°C - 50% RH
Maximum Capacitance: Input-Output
1.0
pF
Max. Pin Soldering Temperature (1.6mm below seating plane, 10 seconds max.)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVA30

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PVA300N6 BANNER-PVA300N6 Datasheet
525Kb / 8P
   PVA Pick-to-Light Array
PVA300N6E BANNER-PVA300N6E Datasheet
525Kb / 8P
   PVA Pick-to-Light Array
PVA300N6R BANNER-PVA300N6R Datasheet
525Kb / 8P
   PVA Pick-to-Light Array
PVA300P6 BANNER-PVA300P6 Datasheet
525Kb / 8P
   PVA Pick-to-Light Array
PVA300P6E BANNER-PVA300P6E Datasheet
525Kb / 8P
   PVA Pick-to-Light Array
More results

Similar Description - PVA30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
   Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVA13 IRF-PVA13 Datasheet
91Kb / 6P
   Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com