Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4378 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4378 Datasheet HTML 2Page - STMicroelectronics AN4378 Datasheet HTML 3Page - STMicroelectronics AN4378 Datasheet HTML 4Page - STMicroelectronics AN4378 Datasheet HTML 5Page - STMicroelectronics AN4378 Datasheet HTML 6Page - STMicroelectronics AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics AN4378 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Application circuit
AN4378
6/19
DocID025421 Rev 1
Figure 2. BlueNRG application daughterboard plugged into the motherboard
Figure 3. Daughterboard schematic
AUXADN
L2
TBD_0402
R1
nc
C21
100n_0402_X7R
C1
1u_0402_X5R
J4
HEADER 5X2
C3
100p_0402_COG
C9
TBD_0402_COG
JP1
FTEST
1
3
Q2
XTAL_16M
C5
22p_0402_COG
C8
TBD_0402_COG
C2
100n_0402_X7R
J1
JTAG
1
2
3
4
5
6
7
8
9
10
C16
100n_0402_X7R
R3
nc
R2
10k_0402
U3
M95640
nS
1
Q
2
nW
3
Vss
4
Vcc
8
nHOLD
7
C
6
D
5
SOSCOUT
C11
TBD_0402_COG
R9
100k_0402
C15
100p_0402_COG
R6
nc
C22
1u_0402_X5R
C10
TBD_0402_COG
C6
22p_0402_COG
C7
TBD_0402_COG
C14
12p_0402_COG
R7
100k_0402
J3
HEADER 5X2
C17
1u_0402_X5R
C12
TBD_0402_COG
C19
100n_0402_X7R
C23
100n_0402_X7R
Q1
XTAL_32k
L1
TBD_0402
R4
nc
AUXADP
C4
150n_0402_X5R
C13
12p_0402_COG
C20
1u_0402_X5R
U1
SPI_MOSI
1
SPI_CLK
2
DIO7
3
DIO6
4
VBAT3
5
DIO5
6
DIO4
7
JTAG_TCK
8
FXTAL0
18
FXTAL1
17
VBAT1
24
SXTAL0
23
SXTAL1
22
RF0
21
RF1
20
VBAT2
19
BlueNRG-N
U2
Jumper2
1
1
2
2
L3
TBD_0402
D1
1
3
J2
SMA laterale
C18
100n_0402_X7R
R5
nc
VBAT1
nS
CLK
MOSI
MISO
MOSI
CLK
IRQ
VBAT2
VBAT3
VBAT3
JTCK
nS
FTEST
JTMS
JTCK
JTDO
JTDI
VBAT2
SOSCOUT
AUXADP
AUXADN
VDD
VDD
VDD
VDD
VDD
VDD
3V3
3V3
VDD
VDD
Solder a 10u_0805 between 1-2
or a 0R0_0805 between 1-3
Male Connector 2x5
AM17618v1


Similar Part No. - AN4378

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN437 STMICROELECTRONICS-AN437 Datasheet
593Kb / 18P
   RC snubber circuit design for TRIACs
AN4370 STMICROELECTRONICS-AN4370 Datasheet
701Kb / 23P
   L99ASC03 PMBLDC sensorless 3-phase motor driver
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
   In automotive more and more often comes in foreground
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
   Galvanically-isolated 8 channel high-side driver based on the ISO8200B
AN4374 STMICROELECTRONICS-AN4374 Datasheet
1Mb / 25P
   The LED1642GW and ALED1642GW start-up guide
More results

Similar Description - AN4378

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
   Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
   Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
   Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
   Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
   Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
AN4494 STMICROELECTRONICS-AN4494 Datasheet
839Kb / 34P
   Bringing up the BlueNRG and BlueNRG-MS devices
AN4486 STMICROELECTRONICS-AN4486 Datasheet
969Kb / 29P
   This application note describes the BlueNRG and BlueNRG-MS over-the-air
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com