Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U02620M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U02620M
Description  USB 2.0 Hi-Speed Active Extension Repeater Cable (A-A M-F), 20M (65-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U02620M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U02620M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U02620M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Active Extension Repeater Cable
(A-A M/F), 20M (65-ft.)
MODEL NUMBER: U026-20M
Description
Tripp Lite's U026-20M is a 20-meter (65 ft.) USB 2.0 active extension cable used to increase the length of a USB
device cable beyond the 16.ft cable limitation without signal loss and potential performance problems. The
U026-20M is a bus-powered extension cable with a built-in signal booster for regenerating the signal to achieve
superior signal quality and data transmission. The overall cable length can be extended up to 131ft by daisy
chaining up to 2 of active cables. Standard 6' 10' or 15' USB A-B cable to reach the desired distance. Meets or
exceeds all USB 2.0 specifications and also supports faster data transfer for legacy USB 1.1 devices. Power
capacity is up to 90mA of power to the connected device. (If more than 90mA is required, it will either (i) need to
have its own power supply, or (ii) be plugged into a powered USB 2.0 hub (Tripp Lite U222-004-R).
Features
Maximum Extension Distance: Daisy-chain up to two 20m cables for a complete distance extension of up to
40m (131 ft.)
Error-Free Signal Transfer: Supports error-free data transmission at the high speeds of all your USB 2.0
devices. Legacy USB 1.1 devices also get a speed boost with transfer speeds from 1.5 to 480 Mbps
Universal Compatibility: The cable is compatible with all computers, devices and cables with USB A
connectors. Backward compatible to USB 1.1 (12Mbps )
Power Capacity: The U026-20M provides up to 90mA of power to the connected device. If your device requires more than 90mA, it will either (i) need its
own power supply, or (ii) be plugged into a powered USB 2.0 hub (such as Tripp Lite U222-004-R)
Premium Cabling: Premium double-shielded foil-and-braid cable provides maximum EMI/RFI protection and superior signal quality
Gold-Plated Connectors: The U026-20M features gold-plated USB A connectors with gold-plated copper contacts to ensure excellent conductivity The
connectors feature integral strain relief for durability and long life
Signal Booster: The built-in signal booster regenerates a USB signal for high quality and long extension distances
RoHS Compliance: The U026-20M is compliant with RoHS standards, reflecting Tripp Lite's commitment to environmental responsibility
Plug and Play Convenience: no software to load
Highlights
Extends and boosts the signal to
any USB device cable without
signal loss
Built-in repeater maintains USB
signal quality
Ideal for connecting USB devices
beyond the 16-ft. USB
specification
Full 480Mbps Transfer rate and
backward compatible to USB 1.1
Plug and Play. Compatible with
all major operating systems
System Requirements
A USB 2.0 port and USB 2.0
device are required to achieve
USB 2.0 speeds. A USB 1.1 port
and/or device can be used, but
you will not be able to achieve
USB 2.0 speeds.
The U026-20M provides up to
90mA of power to the connected
device. If more than 90mA is
required, it will either (i) need to
have its own power supply, or (ii)
be plugged into a powered USB
2.0 hub (Tripp Lite U222-004-R).
Package Includes
20-Meter (65 ft. ) USB2.0 A/A
Hi-Speed Active Extension /
Repeater Cable
1 / 2


Similar Part No. - U02620M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U026-016 TRIPPLITE-U026-016 Datasheet
556Kb / 3P
   USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
U026-025 TRIPPLITE-U026-025 Datasheet
168Kb / 3P
   USB 2.0 Active Extension Cable (USB-A M/F), 25 ft. (7.6 m)
U026-10M TRIPPLITE-U026-10M Datasheet
174Kb / 2P
   USB 2.0 Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
   USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
U026-20M TRIPPLITE-U026-20M Datasheet
170Kb / 3P
   USB 2.0 Active Extension Repeater Cable (A-A M/F), 20M (65-ft.)
More results

Similar Description - U02620M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U026-20M TRIPPLITE-U026-20M Datasheet
170Kb / 3P
   USB 2.0 Active Extension Repeater Cable (A-A M/F), 20M (65-ft.)
U02610M TRIPPLITE-U02610M Datasheet
516Kb / 2P
   USB 2.0 Hi-Speed Active Extension Repeater Cable (A M-F), 10M (33-ft)
U026016 TRIPPLITE-U026016 Datasheet
553Kb / 2P
   USB 2.0 Hi-Speed Active Extension Cable (A M-F), 16-ft
U026-016 TRIPPLITE-U026-016 Datasheet
556Kb / 3P
   USB 2.0 Hi-Speed Active Extension Cable (A M/F) 16-ft.
U024-010 TRIPPLITE-U024-010 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 10-ft.
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
   USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
U026-10M TRIPPLITE-U026-10M Datasheet
174Kb / 2P
   USB 2.0 Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U024-006 TRIPPLITE-U024-006 Datasheet
490Kb / 3P
   USB 2.0 Hi-Speed Extension Cable (A M/F) 6-ft.
U024006 TRIPPLITE-U024006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F), 6-ft
U024016 TRIPPLITE-U024016 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Extension Cable (A M-F) 16-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com