Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HK53 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # HK53
Description  Ultra Small SMD seam sealed clock crystal oscillator units.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HK53 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  HK53 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designed for hand-held consumer electronic devices requiring a low current consumption .
Less than 1.7 mA current consumption for 27 MHz at 1.8V and less than 2 uA at disabled mode .
4.0 ns ( typ.) [ 25 MHz PLL off ]
Current Consumption ( typical )
16.000 MHz
1.1 mA
30.000 MHz
2.0 mA
20.945 MHz
1.3 mA
38.000 MHz
2.3 mA
Rise Time ( Tr ) / Fall Time ( Tf )
Output Wave Form
CMOS output
Phase noise is -130 dBc/Hz at 10 KHz offset
- 50°C to 100°C
Aging
± 3 ppm per year (max.)
Start - Up Time (Ts)
10 m sec.( typical ) ; VDD reaches 1.62 V
Storage Temperature
Voltage Sensitivity
± 0.8 ppm ( typical ) with 10% variation of VDD
Outline Dimensions
( Unit : mm )
Mercury www .mercury-crystal.com
■Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
BC
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Industrial ( -40°C to +85°C )
DE
F
" I20 " ± 20 ppm over -40°C to +85°C
Frequency Stability
(1) Codes
Frequency Stability over
± 25 ppm
Commercial ( -10°C to +70°C )
A
± 50 ppm ± 100 ppm
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Duty Cycle
50% ± 5% [ measured at 1.4 VD.C ]
Fanout ( Drive Capability )
12 mA ( typical )
Output Logic High " 1 "
1.4 V ( min. ) [ 90 % of VDD ]
Output Logic Low " 0 "
0.2 V ( max. ) [ 10 % of VDD ]
Output Load
15 pF
25.000 MHz
1.6 mA
50.000 MHz
2.7 mA
1.8V, 2.5V or 3.3V supply voltages.
General Specifications
Paramenters
Electrical Spec.
Input Voltage ( VDD)
1.8 V ± 5 %
Clock Oscillators [ Ultra Low Currentn ]
HK53 series
1.8 V
0.37 ~ 50.0 MHz
Frequency Range
Applications
SMD CMOS output
5.0 x 3.2 x 1.2 mm
Features
Ultra Small SMD seam sealed clock crystal oscillator units.
Tri-state function available.


Similar Part No. - HK53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HK537 ETC-HK537 Datasheet
72Kb / 2P
   DING-DONG SOIND WITH DUAL TONE
More results

Similar Description - HK53

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HCK3261 MERCURY-HCK3261 Datasheet
124Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HW5762 MERCURY-HW5762 Datasheet
115Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5761 MERCURY-HCK5761 Datasheet
129Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
logo
TXC Corporation.
AC-SERIES TXC-AC-SERIES Datasheet
1,005Kb / 1P
   Ultra small SMD seam sealed clock crystal oscillator units.
7X-SERIES TXC-7X-SERIES Datasheet
932Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
logo
Mercury United Electron...
HF57 MERCURY-HF57 Datasheet
118Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HF5761 MERCURY-HF5761 Datasheet
118Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HDW5361 MERCURY-HDW5361 Datasheet
119Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HCK5361 MERCURY-HCK5361 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
HDF5761 MERCURY-HDF5761 Datasheet
126Kb / 1P
   Ultra Small SMD seam sealed clock crystal oscillator units.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com