Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U022010R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U022010R
Description  USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U022010R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U022010R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U022010R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB B (MALE)
SPECIAL FEATURES
Chromebook Compatible
No
CERTIFICATIONS
Approvals
Fully USB 2.0 certified
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - U022010R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U022010 TRIPPLITE-U022010 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
More results

Similar Description - U022010R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022-010 TRIPPLITE-U022-010 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010 TRIPPLITE-U022010 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
U022-015 TRIPPLITE-U022-015 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 15-ft.
U021003 TRIPPLITE-U021003 Datasheet
467Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
U022015 TRIPPLITE-U022015 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 15-ft
U050010 TRIPPLITE-U050010 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 10-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com