Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4905-CP Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4905-CP
Description  4 Watt Ka Band Packaged Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4905-CP Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4905-CP Datasheet HTML 1Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 2Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 3Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 4Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA4905-CP Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
TGA4905-CP
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
TABLE I
MAXIMUM RATINGS
Symbol
Parameter 1/
Value
Notes
VD
Drain Voltage
8 V
2/
VG
Gate Voltage Range
-5 V to 0 V
ID
Drain Current (Quiescent)
3.0 A
2/
| IG |
Gate Current
62 mA
PIN
Input Continuous Wave Power
24 dBm
2/
PD
Power Dissipation
28 W
2/ 3/
TCH
Operating Channel Temperature
200 °C
4/ 5/
Mounting Temperature (30 Seconds)
320 °C
TSTG
Storage Temperature
-65 to 150 °C
1/
These ratings represent the maximum operable values for this device.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed PD.
3/
When operated at this power dissipation with a baseplate temperature of 70 °C, the median life is 7.3E3
hours.
4/
These ratings apply to each individual FET.
5/
Junction operating temperature will directly affect the device median time to failure (Tm). For maximum
life, it is recommended that junction temperatures be maintained at the lowest possible levels.


Similar Part No. - TGA4905-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
More results

Similar Description - TGA4905-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA4915-CP TRIQUINT-TGA4915-CP_15 Datasheet
221Kb / 9P
   7 W Ka Band Packaged Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com