Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4906-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4906-SM
Description  4 Watt Ka-Band Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4906-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4906-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4906-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TGA4906-SM
4 Watt Ka-Band Power Amplifier
Datasheet: Rev H 8-13-14
- 1 of 18 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
 Ka-Band Sat-Com
 VSAT
QFN 5x5 mm 32L
Product Features
 Frequency Range: 28 – 31 GHz
 Power: 36 dBm Psat
 Gain: 22 dB
 Bias: Vd = 6 V, Idq = 1.6 A, Vg = -0.7 V Typical
 Package Dimensions: 5.0 x 5.0 x 1.4 mm
Functional Block Diagram
Pin Configuration
Pin No.
Label
1,2, 3, 5 thru 10,
12, 13, 16 thru 20,
22 thru 25, 28, 29,
31, 32
N/C
4
RF IN
11
Vg
21
RF OUT
14, 15, 26, 27, 30
Vd
General Description
The TriQuint TGA4906-SM is a compact 4 Watt High
Power Amplifier for Ka-band applications. The part is
designed using TriQuint’s power pHEMT production
process.
The TGA4906-SM provides a nominal 36
dBm of output power at an input power level of 14
dBm with a small signal gain of 22 dB.
The TGA4906-SM is a QFN 5x5 mm surface mount
packaged.
It is ideally suited for low cost emerging
markets such as base station transmitters for satellite
ground terminals and point to point radio.
Lead-free and RoHS compliant
Evaluation Boards are available upon request.
Ordering Information
Part No.
ECCN
Description
TGA4906-SM 3A001.b.2.c Ka-Band Power Amplifier
Standard T/R size = 500 pieces on a 7
” reel
4906
1252
M034
18
2
5
4
3
11
12
13
1
20
19
10
9
17
6
7
8
14
15
16
21
22
23
24
25
26
27
28
29
30
31
32


Similar Part No. - TGA4906-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
More results

Similar Description - TGA4906-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com