Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4935 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4935
Description  High Linearity LNA Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4935 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4935 Datasheet HTML 3Page - TriQuint Semiconductor TGA4935 Datasheet HTML 4Page - TriQuint Semiconductor TGA4935 Datasheet HTML 5Page - TriQuint Semiconductor TGA4935 Datasheet HTML 6Page - TriQuint Semiconductor TGA4935 Datasheet HTML 7Page - TriQuint Semiconductor TGA4935 Datasheet HTML 8Page - TriQuint Semiconductor TGA4935 Datasheet HTML 9Page - TriQuint Semiconductor TGA4935 Datasheet HTML 10Page - TriQuint Semiconductor TGA4935 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TGA4935
High Linearity LNA Gain Block
Datasheet: Rev - 06-19-14
- 9 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Mechanical Drawing
Unit: millimeters
Thickness: 0.085
Die x, y size tolerance: +/- 0.050
Chip edge to bond pad dimensions are shown to center of pad
Ground is backside of die
Bond Pad
Symbol
Pad Size (mm)
Description
1
RF Input
0.150 x 0.100
RF Input, matched to 50 Ohms, not DC blocked
2
RF Output/Bias
0.150 x 0.100
RF Output, matched to 50 Ohms, not DC blocked,
apply device bias


Similar Part No. - TGA4935

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
171Kb / 9P
   Ka-Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4903-SM TRIQUINT-TGA4903-SM Datasheet
1Mb / 14P
   Ka-Band Medium Power Amplifier
More results

Similar Description - TGA4935

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com