Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4943-MOD Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4943-MOD
Description  40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4943-MOD Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4943-MOD_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4943-MOD_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TGA4943-MOD
Table III - Cont.
RF Characterization Table
Bias: Vd = 7 V, Idq = 300 mA, Vc1, Vc2 = 0.6 V, Vc3 = 0.8 V, typical
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
NOMINAL
MAX
UNITS
Vout_Max
Maximum Eye
Amplitude
500 mVpp Input
7.8
10
-
Vpp
Tr
Risetime
8 Vpp Output
11
14
psec
Tf
Falltime
8 Vpp Output
11
14
psec
SNR
Signal to Noise
Ratio
8 Vpp Output
14.5
20
dB
Eye Opening
1/
8 Vpp Output
85
%
Electrical Eye Test Conditions: Vin = 0.5 Vpp, PRBS 231-1, 21.5 Gbps, Crossing = 50% +/- 2%
5
Aug 2011 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 info-networks@tqs.com
Jrms_Add
Additive
Jitter 2/
8 Vpp Output
500
1100
fsec
Jpp
P-P Jitter
8 Vpp Output
6
8.5
psec
Id
Total Drain Current
8 Vpp Output
-
350
375
mA
1/
Eye Opening defined as: [ Eye Height (Vpp)/Eye Amplitude (Vpp)] *100
2/
Additive Jitter defined as: Sqrt [(Total RMS Jitter)^2 – (Input RMS Jitter)^2]


Similar Part No. - TGA4943-MOD_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

Similar Description - TGA4943-MOD_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com