Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4943-SL Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA4943-SL
Description  40 & 100 Gb/s 8Vpp Optical Modulator Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4943-SL Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA4943-SL_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 9Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 10Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 11Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 12Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 13Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 14Page - TriQuint Semiconductor TGA4943-SL_15 Datasheet HTML 15Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TGA4943-SL
Vout = 0.5 Vpp, 43 Gbps, PRBS 2^31 -1
ODB Application** Electrical Eye Performance: Input Eye
ODB Application** Electrical Eye Performance: Output Eye
11
May 2011 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 info-networks@tqs.com
Bias conditions: Vd1,2,3 = 9 V, Idq = 332 mA, Vc1,2,3 = 0.7, 0.7, 3.5 V Typical
** Contact TriQuint Semiconductor for specific Application NOTE for ODB Application


Similar Part No. - TGA4943-SL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

Similar Description - TGA4943-SL_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-MOD TRIQUINT-TGA4943-MOD_15 Datasheet
380Kb / 9P
   40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com