Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4943-SL Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4943-SL
Description  40 & 100 Gb/s 8Vpp Optical Modulator Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4943-SL Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4943-SL Datasheet HTML 2Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 3Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 4Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 5Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 9Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TGA4943-SL
Table IV
Power Dissipation and Thermal Properties
1/
Channel operating temperature will directly affect the device median lifetime (Tm). For maximum life,
it is recommended that channel temperatures be maintained at the lowest possible levels.
2/
θ
jc is modeled based upon hottest stage (stage 3) because there is negligible thermal coupling
Parameter
Test Conditions
Value
Notes
Thermal Resistance, θjc
Vd = 7 V
Idq_tot = 300 mA
Idq3=190 mA
Pd_stage3 = 1.33 W
Tbaseplate = 85 °C
θ
jc = 39.4 °C/W
Tchannel = 137.4 °C
Tm = 4.3 E+6 Hrs
1/, 2/
Thermal Resistance, θjc
Under RF Drive
Vout = 8 Vpp, Vd = 7V
Id3 = 190 mA
Pd_stage3 =1.17 W
Tbaseplate = 85 °C
θ
jc = 39.4 °C/W
Tchannel = 131 °C
Tm = 9.2 E+6 Hrs
Storage Temperature
-65 to 150 °C
Case Operating Range
-65 to 150 ºC
3/
6
May 2011 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 info-networks@tqs.com
2/
θ
jc is modeled based upon hottest stage (stage 3) because there is negligible thermal coupling
between stages. It is the thermal resistance of the part calculated from the junction to the bottom of
the TGA4943-SL package.
To calculate the temperature rise, calculate the dissipated power in the third stage (Pdiss = Idq3*Vd3)
and multiply by θjc. For example: Tbase = 85
°C, Idq3 = 190 mA, Vd3 = 7V. Pdiss_stage3 = 1.33 W.
θ
jc=39.4 °C/W. Temperature rise = θjc*Pdiss = 52.4 C; Tchannel = Tbase + Temp rise = 137.4
°C
3/
Case operating range values are for reference only. Channel temperature must not exceed maximum
ratings value and must be at value acceptable to customer lifetime requirements.
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
25
50
75
100
125
150
175
200
Channel Temperature ( C)
FET5
°
Median Lifetime (Tm) vs. Channel Temperature


Similar Part No. - TGA4943-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

Similar Description - TGA4943-SL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-MOD TRIQUINT-TGA4943-MOD_15 Datasheet
380Kb / 9P
   40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com