Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA5108 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA5108
Description  High Linearity LNA Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA5108 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA5108 Datasheet HTML 3Page - TriQuint Semiconductor TGA5108 Datasheet HTML 4Page - TriQuint Semiconductor TGA5108 Datasheet HTML 5Page - TriQuint Semiconductor TGA5108 Datasheet HTML 6Page - TriQuint Semiconductor TGA5108 Datasheet HTML 7Page - TriQuint Semiconductor TGA5108 Datasheet HTML 8Page - TriQuint Semiconductor TGA5108 Datasheet HTML 9Page - TriQuint Semiconductor TGA5108 Datasheet HTML 10Page - TriQuint Semiconductor TGA5108 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TGA5108
High Linearity LNA Gain Block
Datasheet: Rev - 06-19-14
- 11 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1A
Value:
Passes ≥ 250 V to < 500 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
Die Attach
Die attach should be accomplished with conductive
epoxy only. Eutectic attach is not recommended.
RoHS Compliance
This product also has the following attributes:
• Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
• PFOS Free
• SVHC Free
ECCN
US Department of Commerce: EAR99
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.972.994.8465
Email: info-sales@triquint.com
Fax:
+1.972.994.8504
For technical questions and application information:
Email: info-products@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein.
TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein.
The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such
information is entirely with the user. All information contained herein is subject to change without notice. Customers
should obtain and verify the latest relevant information before placing orders for TriQuint products. The information
contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights,
licenses, or any other intellectual property rights, whether with regard to such information itself or anything described
by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or
death.


Similar Part No. - TGA5108

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1045 TRIQUINT-TGA1045 Datasheet
234Kb / 2P
   Ku Band Power Amplifier
TGA1045-EPU TRIQUINT-TGA1045-EPU Datasheet
234Kb / 2P
   Ku Band Power Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA1055-EPU TRIQUINT-TGA1055-EPU Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
More results

Similar Description - TGA5108

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com