Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD303C04S10 Datasheet(PDF) 7 Page - International Rectifier

Part # SD303C04S10
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD303C04S10 Datasheet(HTML) 7 Page - International Rectifier

  SD303C04S10 Datasheet HTML 1Page - International Rectifier SD303C04S10 Datasheet HTML 2Page - International Rectifier SD303C04S10 Datasheet HTML 3Page - International Rectifier SD303C04S10 Datasheet HTML 4Page - International Rectifier SD303C04S10 Datasheet HTML 5Page - International Rectifier SD303C04S10 Datasheet HTML 6Page - International Rectifier SD303C04S10 Datasheet HTML 7Page - International Rectifier SD303C04S10 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD303C..C Series
23
D-6573333
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.16
DC operation single side cooled
junction to heatsink
0.08
DC operation double side cooled
F
Mounting force, ± 10%
4900
N
(500)
(Kg)
wt
Approximate weight
70
g
Case style
DO-200AA
See Outline Table
Parameter
SD303C..C
Units
Conditions
Thermal and Mechanical Specifications
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
°C
K/W
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-
t
rr
code (see Recovery Characteristics table)
7
-
C = Puk Case DO-200AA
Ordering Information Table
5
1
2
3
4
SD
30
3
C
25 S20
C
7
6
Device Code
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.010
0.011
0.008
0.008
120°
0.012
0.013
0.013
0.013
90°
0.016
0.016
0.018
0.018
K/W
T
J
= T
J
max.
60°
0.024
0.024
0.025
0.025
30°
0.042
0.042
0.042
0.042
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD303C04S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C04S10C VISHAY-SD303C04S10C Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
SD303C04S10C VISHAY-SD303C04S10C_12 Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C04S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com