Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD203R08S10MC Datasheet(PDF) 7 Page - International Rectifier

Part # SD203R08S10MC
Description  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD203R08S10MC Datasheet(HTML) 7 Page - International Rectifier

  SD203R08S10MC Datasheet HTML 1Page - International Rectifier SD203R08S10MC Datasheet HTML 2Page - International Rectifier SD203R08S10MC Datasheet HTML 3Page - International Rectifier SD203R08S10MC Datasheet HTML 4Page - International Rectifier SD203R08S10MC Datasheet HTML 5Page - International Rectifier SD203R08S10MC Datasheet HTML 6Page - International Rectifier SD203R08S10MC Datasheet HTML 7Page - International Rectifier SD203R08S10MC Datasheet HTML 8Page - International Rectifier SD203R08S10MC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SD203N/R Series
7
www.irf.com
Bulletin I2064 rev. A 09/94
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 9 - Typical Forward Recovery Characteristics
Fig. 10 - Recovery Time Characteristics
Fig. 12 - Recovery Current Characteristics
Fig. 11 - Recovery Charge Characteristics
100
1000
10000
.5
2.5
4.5
6.5
Instantaneous Forward Voltage (V)
SD203N/R Series
T = 25 °C
T = 125 °C
J
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
SD203N/R Series
Steady State Value:
R
= 0.115 K/W
(DC Operation)
thJC
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Rate Off Fall Of Forward Current di/dt (A/usec)
T = 125°C
T = 25°C
J
J
SD203N/R..S20 Series
I
V
FP
20
30
40
50
60
70
80
90
100
20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S10 Series
T = 125 °C, V = 30V
J
r
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
20
406080
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S10 Series
T = 125 °C, V = 30V
J
r
1.6
1.8
2
2.2
2.4
2.6
2.8
10
100
Rate Of Fall Of Forward Current - di/dt (A/µs)
400 A
200 A
I
= 750 A
Square Pulse
FM
SD203N/R..S10 Series
T = 125 °C, V = 30V
J
r


Similar Part No. - SD203R08S10MC

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD203DC CALOGIC-SD203DC Datasheet
27Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
logo
TRANSYS Electronics Lim...
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
Vishay Siliconix
SD203N/R04S10 VISHAY-SD203N/R04S10 Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
More results

Similar Description - SD203R08S10MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com