Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD603C20S20C Datasheet(PDF) 6 Page - International Rectifier

Part # SD603C20S20C
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD603C20S20C Datasheet(HTML) 6 Page - International Rectifier

  SD603C20S20C Datasheet HTML 1Page - International Rectifier SD603C20S20C Datasheet HTML 2Page - International Rectifier SD603C20S20C Datasheet HTML 3Page - International Rectifier SD603C20S20C Datasheet HTML 4Page - International Rectifier SD603C20S20C Datasheet HTML 5Page - International Rectifier SD603C20S20C Datasheet HTML 6Page - International Rectifier SD603C20S20C Datasheet HTML 7Page - International Rectifier SD603C20S20C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SD603C..C Series
6
Bulletin I2068 rev. C 04/00
www.irf.com
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristic
Fig. 11 - Typical Forward Recovery Characteristics
10
100
1000
10000
. 5
1. 5
2 .5
3. 5
4 . 5
5. 5
6 .5
7.5
8 .5
In st an ta n e o u s Fo rw ard V o lta g e ( V )
T = 25 °C
J
T = 125 °C
J
SD 603C .. C S e rie s
0.00 1
0.0 1
0.1
0 .0 0 1
0 .0 1
0 .1
1
1 0
1 0 0
Sq u a re W a v e P u lse D ura t io n ( s)
St e a d y St a te V a lu e :
R
= 0.076 K / W
(Sin g le S id e C o o le d )
R
= 0.038 K / W
( D o ub le Sid e C o oled )
(D C O p e ra t io n )
th J- hs
th J -hs
S D 603 C ..C Se rie s
0
20
40
60
80
10 0
0
2 0 0
40 0
6 00
800
10 00
1 2 0 0
1 4 0 0
1 600
1 8 0 0
2 0 0 0
T = 1 2 5 °C
T = 2 5 °C
J
J
R a te O ff R ise O f Fo rw ar d C urre n t d i/ d t ( A / use c )
SD 603C .. S2 0 C Se ries
I
V
FP
Fig. 14 - Recovery Current Characteristics
Fig. 12 - Recovery Time Characteristics
Fig. 13 - Recovery Charge Characteristics
10
20
30
40
50
60
70
80
90
100
110
120
10 20 30 40 5 0 60 70 80 9 0 10 0
R a te O f Fall O f Fo rward Curre nt - di/d t (A /µs)
I
= 10 00 A
Sq ua re P uls e
FM
500 A
250 A
SD 603C ..S1 0C Ser ies
T = 1 25 °C; V
= 30 V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
10 20 30 40 50 6 0 7 0 8 0 9 0 100
Ra te O f Fall O f Fo rw ard C urre nt - di/d t (A/µs)
I
= 1 000 A
Sq u a re Pulse
FM
5 00 A
250 A
S D 603C .. S10C S e ries
T = 125 ° C ; V = 30V
r
J
1.6
1.7
1.8
1.9
2
2.1
2.2
10
10 0
Ra te O f Fall O f Fo rwa rd Cu rren t - di/d t (A /µs)
I
= 1 00 0 A
Sq ua re Pu ls e
500 A
25 0 A
FM
SD6 03C ..S10C Series
T = 1 25 °C; V = 30 V
r
J


Similar Part No. - SD603C20S20C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD603C20S20C VISHAY-SD603C20S20C Datasheet
429Kb / 10P
   SD603C04S10C
Revision: 04-Aug-08
SD603C20S20C VISHAY-SD603C20S20C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results

Similar Description - SD603C20S20C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com