Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN235 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 3Page - STMicroelectronics AN235 Datasheet HTML 4Page - STMicroelectronics AN235 Datasheet HTML 5Page - STMicroelectronics AN235 Datasheet HTML 6Page - STMicroelectronics AN235 Datasheet HTML 7Page - STMicroelectronics AN235 Datasheet HTML 8Page - STMicroelectronics AN235 Datasheet HTML 9Page - STMicroelectronics AN235 Datasheet HTML 10Page - STMicroelectronics AN235 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AN235
Step sequence
Doc ID 1679 Rev 2
7/23
Figure 4.
Half-step sequence for a two-phase bipolar motor
The main advantage of half-step is the increased resolution. The main disadvantage of half-
step operation is that in the half-step state the motor has only about 70% of the torque as
when driven to the full-step state. This is the direct result of lower flux density in the stator.
In the full-step state the magnetic vector generated by the stator is the vector sum of the
magnetic vectors of the two coils. When both coils are excited evenly, the vector sum of the
two is at a 45° angle and has a magnitude of
2 times the magnitude of each individual
vector. When only one coil is driven, as in the half-step states, the total magnetic vector is
only the vector for one coil. This results in a 30% reduction in torque for the half-steps. The
reduction in torque can be compensated for by increasing the current in the one driven coil
for the half-steps. If the current in increased by
2 when only one coil is driven, as shown in
Figure 5, the torque is essentially equal for both full-step and half-step states.
Figure 5.
Current waveform to reduce half-step torque ripple
I1
I2
I1
I1
I1
I1
I2
I2
I2
I2
I1
I2
I1=0
I2=0
I1=0
I2=0
12
3
4
56
7
8
AM16502v1
1.4
1
0
-1
-1.4
1.4
1
0
-1
I Coil 1
I Coil 2
-1.4
AM16503v1


Similar Part No. - AN235

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
AN2350 STMICROELECTRONICS-AN2350 Datasheet
901Kb / 41P
   Guidelines for the control of a multiaxial planar robot with ST10F276
logo
Infineon Technologies A...
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
   Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
More results

Similar Description - AN235

ManufacturerPart #DatasheetDescription
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
   STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
   Stepper motor
EMMS-ST-42-S-SB-G2 FESTO-EMMS-ST-42-S-SB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-57-S-SB-G2 FESTO-EMMS-ST-57-S-SB-G2 Datasheet
80Kb / 1P
   Stepper motor
EMMS-ST-87-M-SB-G2 FESTO-EMMS-ST-87-M-SB-G2 Datasheet
81Kb / 1P
   Stepper motor
logo
STEPPERONLINE
17HS15-1684S-HG10 STEPPERONLINE-17HS15-1684S-HG10 Datasheet
137Kb / 1P
   STEPPER MOTOR
17HS24-2104S-PG5 STEPPERONLINE-17HS24-2104S-PG5 Datasheet
144Kb / 1P
   STEPPER MOTOR
11LS13-0754E-100A STEPPERONLINE-11LS13-0754E-100A Datasheet
156Kb / 1P
   STEPPER MOTOR
17LS13-0404E-200H STEPPERONLINE-17LS13-0404E-200H Datasheet
159Kb / 1P
   STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com