Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST300C111 Datasheet(PDF) 8 Page - International Rectifier

Part # ST300C111
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST300C111 Datasheet(HTML) 8 Page - International Rectifier

  ST300C111 Datasheet HTML 1Page - International Rectifier ST300C111 Datasheet HTML 2Page - International Rectifier ST300C111 Datasheet HTML 3Page - International Rectifier ST300C111 Datasheet HTML 4Page - International Rectifier ST300C111 Datasheet HTML 5Page - International Rectifier ST300C111 Datasheet HTML 6Page - International Rectifier ST300C111 Datasheet HTML 7Page - International Rectifier ST300C111 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ST300C..C Series
23
D-3553333
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Outline Table
Case Style TO-200AB (E-PUK)
All dimensions in millimeters (inches)
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
ANODE TO GATE
CREEPAGE DISTANCE: 11.18 (0.44) MIN.
STRIKE DISTANCE: 7.62 (0.30) MIN.
25.3 (0.99)
14.1 / 15.1
(0.56 / 0.59)
25°± 5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
25.3 (0.99)
40.5 (1.59) DIA. MAX.
DIA. MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST300C111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST300C12C0L VISHAY-ST300C12C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
ST300C14C0L VISHAY-ST300C14C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
ST300C18C1L VISHAY-ST300C18C1L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
More results

Similar Description - ST300C111

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST230C IRF-ST230C Datasheet
187Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com