Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1320 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1320 Datasheet HTML 3Page - STMicroelectronics AN1320 Datasheet HTML 4Page - STMicroelectronics AN1320 Datasheet HTML 5Page - STMicroelectronics AN1320 Datasheet HTML 6Page - STMicroelectronics AN1320 Datasheet HTML 7Page - STMicroelectronics AN1320 Datasheet HTML 8Page - STMicroelectronics AN1320 Datasheet HTML 9Page - STMicroelectronics AN1320 Datasheet HTML 10Page - STMicroelectronics AN1320 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
AN1320 APPLICATION NOTE
The hardware and software development can not be separated: it is a very interactive process. Starting from
the basic point there are different way to act on the L6574, depending on what we want to be software depen-
dent and what we want to be hardware dependent in the final application.
We will describe the two sections separately just for ease of understanding.
5.1 HARDWARE CHOICES
First we have to choose the
µC. We have chosen the ST62E62C, a 16 pin µC belonging to the ST6 family.
This device is able to perform all the functions we need with pins left over.
In this microcontroller we have just an auto reload timer, this means that we have just one PWM available. We
can call this PWM the HARDWARE PWM in the following pages, just to differentiate it from the second one we
need and that is obtained by software from a standard output pin. We will call this second PWM the “SOFT-
WARE PWM”
We have discussed in the previous chapters how to interface the
µC and the L6574; the remaining problem is
how to supply the ICs.
We have chosen a cheap way to supply the
µC: we use a L7805, which is a linear regulator (5V output). It has
been connected to the L6574 supply. This choice (mainly based on economical reasons) has many conse-
quences:
s
As L6574 supply is given by a charge pump connected to the middle point of the half bridge,
the L6574 has to work (to oscillate) to give the supply to the micro
s
The ICs are not supplied at the same time, but as a sequence: the micro (the supervisor)
has to be told when everything is OK to start the preheat sequence
s
If the L6574 is disabled (after a fault condition for example) the micro no longer has a voltage
supply. When the circuit starts again the micro is reset and the program starts from the very
beginning
It can happen that the micro must always be supplied, even when L6574 is off. In this case another solution has
to be used, e.g. a regulator connected to the rectified mains.
The board start up sequence management takes into account the above mentioned point 1 and 2. Using the
start up resistors we let the L6574 start, so its oscillation allows the charge pump work. Then the L6561 is sup-
plied and the L7805 feeds the
µC. This sequence is an inheritance of L6561+L6574 demo board. The co-ordi-
nation between the L6574 and the L6561 is done by choosing the start up resistors and the charge pump
components. The co-ordination between the micro and the analog part is a mix of hardware and software. By
software we let the micro wait for a “power OK” signal from the L6574, that in the meanwhile keeps on oscillating
at a very high frequency, so as to let the filament not to be preheated. The L6574 can provide this “power OK”
signal for free. The internal sequence of the L6574 charges the preheat cap connected to pin 1 to 5V after the
preheat and the ignition sweep has ended. We can deliver this 5V signal to a
µC input, and hereafter the µC will
start to set all the application parameters: in this way we are sure that everything is correctly supplied. Moreover
by choosing properly CPRE value (i.e. very small ~1nF) this “waiting time” is around 2 ms, so it does not influence
the overall timing: it is hundreds of time shorter than a typical preheat time.
To be sure that the third condition does not happen and that there are no out of control situations in which we
do not know which part of the code the micro is running we have added additional safety circuitry. After the alarm
for open load or disconnection, the micro sets an output pin to the high logic level in order to activate an SCR
to disconnect the VCC from all the ICs, PFC included. In this way the
µC can supervise not only the L6574 but
also the L6561.


Similar Part No. - AN1320

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
   Video 75 W Driver IC built in Charge Pump Circuit
AN13208A PANASONIC-AN13208A Datasheet
459Kb / 17P
   3-ch. video driver IC supporting HD with charge pump
More results

Similar Description - AN1320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10971 PHILIPS-AN10971_15 Datasheet
469Kb / 41P
   TL applications with NXP ballast controllers
Rev. 1-15 September 2011
logo
Molex Electronics Ltd.
1301080128 MOLEX11-1301080128 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle with Handle Ballast
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
   Electronic ballast
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
   Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
   Electronic ballast
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com