Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1513 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics AN1513 Datasheet HTML 10Page - STMicroelectronics AN1513 Datasheet HTML 11Page - STMicroelectronics AN1513 Datasheet HTML 12Page - STMicroelectronics AN1513 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN1513
Load step
9/13
The SMPS meets the specification with efficiency better than 80% at any input voltage
value, as shown in Table 4.
4
Load step
This SMPS has been designed to operate under two conditions: standby and full load. In
Figure 5 and Figure 6 show the outputs voltages during load steps from standby and full
load and vice versa. CHA is the resampling of Vout1 highlighting that no undershoot or
overshoot is present during load transient. The same test has been done to show the
behavior of the voltage on pins VDD and Comp.
Table 4.
Full load measurements
Full load
Vin
Iin
Vout1 at 2.5 A Vout2 at 1.5 A
Pout
Pin
Efficiency
Vdc
mA
Vdc
Vdc
W
W
%
240
160
6.50
10.26
31.6
38.4
82.3
325
118
6.50
10.25
31.6
38.3
82.5
374
102
6.50
10.25
31.6
38.1
82.9
Figure 5.
Load transient (Vout1, Vout2)
Figure 6.
Load transient (Vcomp, VDD)


Similar Part No. - AN1513

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
   buck-boost converter using VIPer12A-E/22A-E
AN1517 STMICROELECTRONICS-AN1517 Datasheet
1Mb / 30P
   Designing with the STEVAL-ISA089V1 high efficiency DC-DC
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
More results

Similar Description - AN1513

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
Omron Electronics LLC
G3VM-21PR11 OMRON-G3VM-21PR11 Datasheet
711Kb / 3P
   Smallest Class in market, USOP High-power, 0.9A Switching in a 20V Load Voltage Model
logo
OSRAM GmbH
LTRBR8SF OSRAM-LTRBR8SF Datasheet
1Mb / 21P
   pachinko market
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
   POWERFUL MICROCONTROLLER for use in the automotive market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
STMicroelectronics
AN1596 STMICROELECTRONICS-AN1596 Datasheet
317Kb / 24P
   Today?셲 automotive market requires a continuous increasing
logo
OmniVision Technologies...
OV9285 OMNIVISION-OV9285 Datasheet
923Kb / 2P
   Consumer HMD
logo
Texas Instruments
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
logo
Panasonic Semiconductor
AN3275SB PANASONIC-AN3275SB Datasheet
124Kb / 15P
   CM detection IC for VCRs in the North American market
logo
EPCOS
ASB1200V1 EPCOS-ASB1200V1 Datasheet
502Kb / 2P
   Pressure Sensors for Barometric Measurements in Consumer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com