Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL4201 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGL4201
Description  Wideband Fixed Attenuators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL4201 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGL4201 Datasheet HTML 1Page - TriQuint Semiconductor TGL4201 Datasheet HTML 2Page - TriQuint Semiconductor TGL4201 Datasheet HTML 3Page - TriQuint Semiconductor TGL4201 Datasheet HTML 4Page - TriQuint Semiconductor TGL4201 Datasheet HTML 5Page - TriQuint Semiconductor TGL4201 Datasheet HTML 6Page - TriQuint Semiconductor TGL4201 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TGL4201
3
Aug 2011 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Typical Measurement Attenuators
Attenuators Probed in Fixtures
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1020
30
4050
Frequency (GHz)
IRL
ORL
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1020
304050
Frequency (GHz)
IRL
ORL
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
Frequency (GHz)
IRL
ORL
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1020
30
4050
Frequency (GHz)
IRL
ORL
2 dB Attenuator
3 dB Attenuator
10 dB Attenuator
6 dB Attenuator


Similar Part No. - TGL4201

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL4201 QORVO-TGL4201 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
logo
TriQuint Semiconductor
TGL4201-00-EPU TRIQUINT-TGL4201-00-EPU Datasheet
472Kb / 7P
   Wideband Fixed Attenuators
TGL4201-02-EPU TRIQUINT-TGL4201-02-EPU Datasheet
472Kb / 7P
   Wideband Fixed Attenuators
TGL4201-03-EPU TRIQUINT-TGL4201-03-EPU Datasheet
472Kb / 7P
   Wideband Fixed Attenuators
TGL4201-06-EPU TRIQUINT-TGL4201-06-EPU Datasheet
472Kb / 7P
   Wideband Fixed Attenuators
More results

Similar Description - TGL4201

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL4201 QORVO-TGL4201 Datasheet
443Kb / 7P
   Wideband Fixed Attenuators
logo
TriQuint Semiconductor
TGL4201-EPU TRIQUINT-TGL4201-EPU Datasheet
472Kb / 7P
   Wideband Fixed Attenuators
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com