Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL4203-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGL4203-SM
Description  DC -30 GHz Wideband Analog Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL4203-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGL4203-SM Datasheet HTML 1Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 2Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 3Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 4Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 5Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 6Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 7Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 8Page - TriQuint Semiconductor TGL4203-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
TGL4203-SM
May 2012 © Rev C
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Table II
Recommended Operating Conditions
Table I
Absolute Maximum Ratings 1/
Symbol
Parameter
Value
Notes
V1, V2
Attenuation Control Voltage Range
-5 to +1 V
I1
V1 Supply Current
-1 to +8.8 mA
I2
V2 Supply Current
-3 to +80 mA
Pin
Input Continuous Wave Power
24 dBm
Tchannel
Channel Temperature
200 °C
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
Bias Voltages Optimized for flatness of Attenuation with respect to reference over frequency


Similar Part No. - TGL4203-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
More results

Similar Description - TGL4203-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6650 AVAGO-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMP-6650 BOARDCOM-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
Hittite Microwave Corpo...
HMC650 HITTITE-HMC650 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC652LP2E HITTITE-HMC652LP2E Datasheet
212Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com