Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2102 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGP2102
Description  35 GHz 5-Bit Phase Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2102 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGP2102_15 Datasheet HTML 1Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 2Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 3Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 4Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 5Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 6Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 7Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 8Page - TriQuint Semiconductor TGP2102_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TriQuint Semiconductor Texas Phone : (972)994-8465 Fax: (972)994-8504 Web: www.triquint.com
Product Data Sheet
August 5, 2008
3
Preliminary Measured Data
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
31
32
33
34
35
36
37
Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
31
32
33
34
35
36
37
Frequency (GHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
RMS Phase Shift Error
RMS Amplitude Error
TGP2102


Similar Part No. - TGP2102_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
More results

Similar Description - TGP2102_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
logo
TriQuint Semiconductor
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
TGP1439-EPU TRIQUINT-TGP1439-EPU Datasheet
937Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
TGP1439 TRIQUINT-TGP1439_15 Datasheet
2Mb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
   2-4 GHz 5-Bit Digital Phase Shifter
logo
Tyco Electronics
MAPCGM0004-DIE MACOM-MAPCGM0004-DIE Datasheet
462Kb / 7P
   5-Bit Digital Phase Shifter 6.0-18.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com