Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2104 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGP2104
Description  30 -40 GHz 180Phase Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2104 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGP2104 Datasheet HTML 1Page - TriQuint Semiconductor TGP2104 Datasheet HTML 2Page - TriQuint Semiconductor TGP2104 Datasheet HTML 3Page - TriQuint Semiconductor TGP2104 Datasheet HTML 4Page - TriQuint Semiconductor TGP2104 Datasheet HTML 5Page - TriQuint Semiconductor TGP2104 Datasheet HTML 6Page - TriQuint Semiconductor TGP2104 Datasheet HTML 7Page - TriQuint Semiconductor TGP2104 Datasheet HTML 8Page - TriQuint Semiconductor TGP2104 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TGP2104
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Median Lifetime (Tm) vs. Channel Temperature
TABLE III
Thermal Information
Parameter
Test Conditions
Tch
( °C)
θJC
(°C/W)
Tm
(hrs)
θJC Thermal Resistance
(channel to backside of
die)
V1 = V2 = 5 V
I2 = 10 uA
Pdiss = 50 uW
Tbaseplate=70 C
70
204
>1 E 9


Similar Part No. - TGP2104

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2100 TRIQUINT-TGP2100 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2102 TRIQUINT-TGP2102 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
More results

Similar Description - TGP2104

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
logo
Qorvo, Inc
CMD213 QORVO-CMD213 Datasheet
198Kb / 9P
   30-40 GHz Active Frequency Doubler
logo
Custom MMIC Design Serv...
CMD213 MMIC-CMD213 Datasheet
198Kb / 9P
   30-40 GHz Active Frequency Doubler
logo
Qorvo, Inc
QPX0003D QORVO-QPX0003D Datasheet
350Kb / 12P
   30-40 GHz I/Q Mixer
CMD247 QORVO-CMD247 Datasheet
261Kb / 10P
   30-40 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD247 MMIC-CMD247 Datasheet
266Kb / 10P
   30-40 GHz Low Phase Noise Amplifier
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
logo
Tyco Electronics
MAPCGM0003-DIE MACOM-MAPCGM0003-DIE Datasheet
281Kb / 7P
   2.3-4.1 GHz Phase Shifter
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com